Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8603KESTR-J Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A8603KESTR-J
Description  Multiple-Output Regulator for Automotive LCD Displays
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8603KESTR-J Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A8603KESTR-J Datasheet HTML 2Page - Allegro MicroSystems A8603KESTR-J Datasheet HTML 3Page - Allegro MicroSystems A8603KESTR-J Datasheet HTML 4Page - Allegro MicroSystems A8603KESTR-J Datasheet HTML 5Page - Allegro MicroSystems A8603KESTR-J Datasheet HTML 6Page - Allegro MicroSystems A8603KESTR-J Datasheet HTML 7Page - Allegro MicroSystems A8603KESTR-J Datasheet HTML 8Page - Allegro MicroSystems A8603KESTR-J Datasheet HTML 9Page - Allegro MicroSystems A8603KESTR-J Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Multiple-Output Regulator for
Automotive LCD Displays
A8603
6
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
INPUT VOLTAGE AND CURRENT
Input Voltage
VIN
3
10
V
VIN Pin Undervoltage Lockout
(UVLO) Threshold
VUVLO
VIN rising
2.8
2.9
V
VIN Pin UVLO Hysteresis
VUVLO(HYS)
0.15
0.25
V
BIAS Voltage
VBIAS
Internal BIAS regulator, EN = high
2.8
V
Shutdown BIAS Current [1]
IVINBIAS(SD) Current into VIN pin, EN = low
1
10
µA
Standby BIAS Current
IVINBIAS(STB) EN = high, output disabled
3
mA
Operating BIAS Current
IVINBIAS(OP) EN = high, output enabled
6
mA
BOOST SWITCH
Switch Peak Current Limit
ISWILIM
Cycle-by-cycle current limit
2.2
2.6
3
A
Switch Secondary Current Limit
ISWILIM2
Trips SW_OCP fault if exceeded
3.7
A
Switch On-Resistance
RDS(on)
ISW = 0.4 A
0.4
0.7
Ω
Switch Minimum On-Time
tON(MIN)
65
120
ns
Switch Minimum Off-Time
tOFF(MIN)
60
100
ns
SW Pin Leakage Current
ISW(LKG)
VSW = 5 V, EN = low
0.1
µA
VOUT Pin Leakage Current
IOUT(LKG)
VOUT = 5 V, EN = low
0.1
µA
VOUT = 10 V, EN = low
25
37
µA
SW Pin Overvoltage Protection
Threshold
VSW(OVP)
Measured from SW to GND
18.6
21
23
V
SW OVP Detection Time [2]
tSW(OVP)
Minimum pulse width required for VSW
VSW(OVP) to be detected as SW OVP
40
ns
SW OVP to Shutdown Delay [2]
tFAULT(OVP) Delay from SW OVP to FAULT = L
1
2.5
µs
SWITCHING FREQUENCY/SYNCHRONIZATION
FSET_SYNC Pin Voltage
VFSETSYNC
Without using external synchronization signal
0.64
V
FSET_SYNC Pin Current
IFSETSYNC
22
140
µA
Switching Frequency
fSW
RFSET_SYNC = 5.1 kΩ
1.8
2
2.2
MHz
Synchronization Frequency
fSYNC
External logic sugnal connected to FSET_
SYNC pin
0.35
2.25
MHz
Synchronization Minimum On-Time
tSYNC(ON)
150
ns
Synchronization Minimum Off-Time
tSYNC(OFF)
150
ns
Switching Frequency Dithering
Range
ΔfSW0
No external synch, REG0x10 = ‘00b’
0
%
No external synch, REG0x10 = ‘01b’
5
%
No external synch, REG0x10 = ‘10b’
10
%
No external synch, REG0x10 = ‘11b’
15
%
ELECTRICAL CHARACTERISTICS [1]: Valid at VIN = 5 V, EN = high, fSW = 2 MHz, VAVDD = 10 V, VVGH1 = 20 V, VVGL = –8 V, TJ = TA = 25°C,
except • indicates specifications guaranteed for TJ = TA = −40°C to 125°C, unless otherwise specified
Continued on the next page…


Similar Part No. - A8603KESTR-J

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8600 ALLEGRO-A8600 Datasheet
2Mb / 52P
   Designed to provide the power supply requirements of next generation car audio and infotainment systems, the A8600 provides all the control and protection circuitry to produce...
A8600EJPTR-T ALLEGRO-A8600EJPTR-T Datasheet
2Mb / 52P
   Designed to provide the power supply requirements of next generation car audio and infotainment systems, the A8600 provides all the control and protection circuitry to produce...
A8601 ALLEGRO-A8601 Datasheet
627Kb / 32P
   The A8601 is a fixed frequency, multiple-output supply for LCD bias.
A8601KLPTR-T ALLEGRO-A8601KLPTR-T Datasheet
627Kb / 32P
   The A8601 is a fixed frequency, multiple-output supply for LCD bias.
More results

Similar Description - A8603KESTR-J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA2117 NXP-PCA2117 Datasheet
862Kb / 107P
   Automotive LCD driver for character displays
Rev. 4 ??8 April 2015
TDA3602 PHILIPS-TDA3602 Datasheet
205Kb / 26P
   Multiple output voltage regulator
July 1994
logo
Maxim Integrated Produc...
MAX1530 MAXIM-MAX1530 Datasheet
708Kb / 33P
   Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 0; 5/03
MAX1530 MAXIM-MAX1530_09 Datasheet
607Kb / 33P
   Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 1; 11/09
logo
ON Semiconductor
LV5693P ONSEMI-LV5693P_14 Datasheet
412Kb / 16P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
logo
Linear Technology
LTC3450 LINER-LTC3450_15 Datasheet
196Kb / 12P
   Triple Output Power Supply for Small TFT-LCD Displays
logo
ON Semiconductor
LV5694P ONSEMI-LV5694P Datasheet
357Kb / 14P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5684NPVD ONSEMI-LV5684NPVD Datasheet
364Kb / 15P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5696P ONSEMI-LV5696P Datasheet
313Kb / 15P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
logo
Linear Technology
LTC3450 LINER-LTC3450 Datasheet
401Kb / 12P
   Triple Output Power Supply for Small TFT-LCD Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com