Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WB0130KRM Datasheet(PDF) 3 Page - WILLAS ELECTRONIC CORP

Part # WB0130KRM
Description  100mA Surface Mount Schottky Barrier Rectifiers - 30V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

WB0130KRM Datasheet(HTML) 3 Page - WILLAS ELECTRONIC CORP

  WB0130KRM Datasheet HTML 1Page - WILLAS ELECTRONIC CORP WB0130KRM Datasheet HTML 2Page - WILLAS ELECTRONIC CORP WB0130KRM Datasheet HTML 3Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
 
Ordering Information: 
Device PN 
Packing 
WB0130KRM ‐T
(1)H(2)‐WS 
Tape&Reel: 8 Kpcs/Reel 
Note: (1)
 Packing code, Tape & Reel Packing 
(2) RoHS product for packing code suffix ”G”;Halogen free product for packing code suffix “H” 
       
 
 
 
 
***Disclaimer***
 
WILLAS reserves the right to make changes without notice to any product 
specification herein, to make corrections, modifications, enhancements or other 
changes. WILLAS or anyone on its behalf assumes no responsibility or liability 
for any errors or inaccuracies. Data sheet specifications and its information 
contained are intended to provide a product description only. "Typical" parameters 
which may be included on WILLAS data sheets and/ or specifications can 
and do vary in different applications and actual performance may vary over time. 
WILLAS does not assume any liability arising out of the application or 
use of any product or circuit. 
 
WILLAS products are not designed, intended or authorized for use in medical, 
life‐saving implant or other applications intended for life‐sustaining or other related 
applications where a failure or malfunction of component or circuitry may directly 
or indirectly cause injury or threaten a life without expressed written approval 
of WILLAS. Customers using or selling WILLAS components for use in 
such applications do so at their own risk and shall agree to fully indemnify WILLAS 
Inc and its subsidiaries harmless against all claims, damages and expenditures. 
 
 
2012-11
WILLAS ELECTRONIC CORP.
100mA Surface Mount Schottky Barrier Rectifiers - 30V
0201 Package
WB0130KRM
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Package outline
Mechanical data
Epoxy : UL94-V0 rated flame retardant
Case : Molded plastic, SOD-123H
Terminals :Plated terminals, solderable per MIL-STD-750
,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.011 gram
0.146(3.7)
0.130(3.3)
0.012(0.3) Typ.
0.071(1.8)
0.056(1.4)
0.040(1.0)
0.024(0.6)
0.031(0.8) Typ.
0.031(0.8) Typ.
Dimensions in inches and (millimeters)
SOD-123H
Pb Free Product
1.0A SURFACE MOUNT SCHOTTKY
SOD-123
PACKAGE
WILLAS
BARRIER RECTIFIERS -20V- 200V
FM120-M
THRU
FM1200-M
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
WILLAS ELECTRONIC CORP.
201
2-06
 
RATINGS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Marking Code
12
13
14
15
16
18
10
115
120
Maximum Recurrent Peak Reverse Voltage
VRRM
Maximum RMS Voltage
VRMS
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
150
200
14
21
28
35
42
56
70
105
140
20
30
40
50
60
80
100
150
200
Volts
Volts
Volts
Maximum Average Forward Rectified Current
 
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IO
 
IFSM
1.0
 
30
Amps
 
Amps
Typical Thermal Resistance (Note 2)
RΘJA
Typical Junction Capacitance (Note 1)
CJ
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
 
 
-55 to +125
40
120
 
- 65 to +175
 
 
-55 to +150
℃/W
PF
 
CHARACTERISTICS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Maximum Forward Voltage at 1.0A DC
VF
0.50
0.70
0.85
0.9
0.92
Volts
@TA=25℃
0.5
Maximum Average Reverse Current at
Rated DC Blocking Voltage
@TA=125℃
IR
10
 
mAmps
 
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance From Junction to Ambient
 
 
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"


Similar Part No. - WB0130KRM

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
WB0130QRL WILLAS-WB0130QRL Datasheet
824Kb / 4P
   100mA Surface Mount Schottky Barrier Rectifiers - 30V
More results

Similar Description - WB0130KRM

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SCS521CS-30T5G WILLAS-SCS521CS-30T5G Datasheet
405Kb / 3P
   100mA Surface Mount Schottky Barrier Rectifiers - 30V
SCS520G WILLAS-SCS520G Datasheet
444Kb / 3P
   100mA Surface Mount Schottky Barrier Rectifiers-30V
SCS521G WILLAS-SCS521G Datasheet
411Kb / 3P
   100mA Surface Mount Schottky Barrier Rectifiers-30V
SCS520CS-30T5G WILLAS-SCS520CS-30T5G Datasheet
361Kb / 3P
   100mA Surface Mount Schottky Barrier Rectifiers - 30V
WB0130QRL WILLAS-WB0130QRL Datasheet
824Kb / 4P
   100mA Surface Mount Schottky Barrier Rectifiers - 30V
logo
SeCoS Halbleitertechnol...
SCS751LV-40 SECOS-SCS751LV-40 Datasheet
208Kb / 2P
   30V , 30mA Surface Mount Schottky Barrier Rectifiers
SCS521DZ SECOS-SCS521DZ Datasheet
230Kb / 2P
   0.1A , 30V Surface Mount Schottky Barrier Rectifiers
SCS230D SECOS-SCS230D Datasheet
103Kb / 2P
   0.2A , 30V Surface Mount Schottky Barrier Rectifiers
logo
SUNMATE electronic Co.,...
LL41 SUNMATE-LL41 Datasheet
240Kb / 2P
   100mA Surface Mount Schottky Barrier Diode
RB531S-30 SUNMATE-RB531S-30 Datasheet
248Kb / 3P
   100mA Surface Mount Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com