Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC857XTT1 Datasheet(PDF) 8 Page - WILLAS ELECTRONIC CORP

Part # BC857XTT1
Description  PNP Silicon General Purpose Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

BC857XTT1 Datasheet(HTML) 8 Page - WILLAS ELECTRONIC CORP

  BC857XTT1 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP BC857XTT1 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP BC857XTT1 Datasheet HTML 3Page - WILLAS ELECTRONIC CORP BC857XTT1 Datasheet HTML 4Page - WILLAS ELECTRONIC CORP BC857XTT1 Datasheet HTML 5Page - WILLAS ELECTRONIC CORP BC857XTT1 Datasheet HTML 6Page - WILLAS ELECTRONIC CORP BC857XTT1 Datasheet HTML 7Page - WILLAS ELECTRONIC CORP BC857XTT1 Datasheet HTML 8Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
 
 
 
Ordering Information:
 
Device PN 
Packing 
Part Number 
(1)
H(2)‐WS 
Tape&Reel: 3 Kpcs/Reel 
Note: (1)
 Packing code, Tape & Reel 
(2)  Halogen free product for packing code suffix “H” 
         
 
Packing
***Disclaimer***
WILLAS reserves the right to make changes without notice to any product
specification herein, to make corrections, modifications, enhancements or other
changes. WILLAS or anyone on its behalf assumes no responsibility or liability
for any errors or inaccuracies. Data sheet specifications and its information
contained are intended to provide a product description only. "Typical" parameters
which may be included on WILLAS data sheets and/ or specifications can
and do vary in different applications and actual performance may vary over time.
WILLAS does not assume any liability arising out of the application or
use of any product or circuit.
This is the preliminary specification. WILLAS products are not designed, intended or
authorized for use in medical, life-saving implant or other applications intended for
life-sustaining or other related applications where a failure or malfunction of component
or circuitry may directly or indirectly cause injury or threaten a life without expressed
written approval of WILLAS. Customers using or selling WILLAS components for use in
such applications do so at their own risk and shall agree to fully indemnify WILLAS Inc
and its subsidiaries harmless against all claims, damages and expenditures.
2015.02
www.willas.com.tw
Rev.L0
P 8


Similar Part No. - BC857XTT1

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
BC857XDW GWSEMI-BC857XDW Datasheet
532Kb / 3P
   Plastic-Encapsulate Transistors
logo
Nexperia B.V. All right...
BC857XMB NEXPERIA-BC857XMB Datasheet
1Mb / 14P
   45 V, 100 mA PNP general-purpose transistors
BC857XMB NEXPERIA-BC857XMB Datasheet
1Mb / 14P
   45 V, 100 mA PNP general-purpose transistors
Rev. 1 - 21 February 2012
logo
NXP Semiconductors
BC857XMB PHILIPS-BC857XMB_15 Datasheet
389Kb / 14P
   45 V, 100 mA PNP general-purpose transistors
Rev. 1-21 February 2012
logo
Nexperia B.V. All right...
BC857XMB_SER NEXPERIA-BC857XMB_SER Datasheet
1Mb / 14P
   45 V, 100 mA PNP general-purpose transistors
Rev. 1 - 21 February 2012
More results

Similar Description - BC857XTT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com