Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

36005260S Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 36005260S
Description  WE-SHC Shielding Cabinet
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

36005260S Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  36005260S Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 36005260S Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions: [mm]
Scale - 1:1
26,67
sectional drawing A-A
26,27
detail B
R
0,
05
0,2
2,84
A
A
B
3,5
Base Material
Tin plate
Plating
Tin
Version
Top Cover
Material:
Storage Temperature (in original
packaging)
-20 °C up to +60 °C
Operating Temperature
-40 °C up to +125 °C
Test conditions of Electrical Properties: +20°C, 33% RH if not specified differently
General Information:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
JoV
DIN ISO 2768-1m
DESCRIPTION
WE-SHC Shielding Cabinet
ORDER CODE
36005260S
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
001.000
Valid
2016-11-02
eiSos
1/2
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 36005260S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3600531600 ETC2-3600531600 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
logo
Wurth Elektronik GmbH &...
3600536330S WURTH-3600536330S Datasheet
202Kb / 2P
   WE-SHC Shielding Cabinet
More results

Similar Description - 36005260S

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
36105266S WURTH-36105266S Datasheet
109Kb / 2P
   WE-SHC Shielding Cabinet
36003200S WURTH-36003200S Datasheet
181Kb / 2P
   WE-SHC Shielding Cabinet
3690103022 WURTH-3690103022 Datasheet
202Kb / 2P
   WE-SHC Shielding Cabinet
3600213120S WURTH-3600213120S Datasheet
180Kb / 2P
   WE-SHC Shielding Cabinet
3600637250S WURTH-3600637250S Datasheet
195Kb / 2P
   WE-SHC Shielding Cabinet
3610213126S WURTH-3610213126S Datasheet
180Kb / 2P
   WE-SHC Shielding Cabinet
3610536336S WURTH-3610536336S Datasheet
188Kb / 2P
   WE-SHC Shielding Cabinet
3690103023 WURTH-3690103023 Datasheet
201Kb / 2P
   WE-SHC Shielding Cabinet
36003160S WURTH-36003160S Datasheet
189Kb / 2P
   WE-SHC Shielding Cabinet
36103205S WURTH-36103205S Datasheet
179Kb / 2P
   WE-SHC Shielding Cabinet
36003250S WURTH-36003250S Datasheet
176Kb / 2P
   WE-SHC Shielding Cabinet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com