Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15435385AA350 Datasheet(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 15435385AA350
Description  WL-SIMW SMD Infrared Ceramic Waterclear
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

15435385AA350 Datasheet(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  15435385AA350_17 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 15435385AA350_17 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 15435385AA350_17 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 15435385AA350_17 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 15435385AA350_17 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 15435385AA350_17 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 15435385AA350_17 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 15435385AA350_17 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 15435385AA350_17 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Derating Curve:
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
0
25
50
75
100
125
150
Ambient Temperature [˚C]
Rj-a 40°C/W
Rj-a 30°C/W
Rj-a 20°C/W
Rj-a 10°C/W
5
4
3
2
1
6
Pos 1
Pos 2
Pos 3
Pos 4
Pos 5
Pos 6
xxx
xxxx
xxx
x
x
xxx
Internal
Code
Product
Information
Product
Code
Forward voltage
Radiant flux
Peak
Wavelength
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
ZAn
DIN ISO 2768-1m
DESCRIPTION
WL-SIMW SMD Infrared Ceramic
Waterclear
ORDER CODE
15435385AA350
SIZE
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
3535
001.000
Valid
2015-11-10
eiPal
5/9
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 15435385AA350_17

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
15435385AA350 WURTH-15435385AA350 Datasheet
951Kb / 9P
   WL-SIMW SMD Infrared Ceramic Waterclear
15435385AA350 WURTH-15435385AA350 Datasheet
968Kb / 10P
   MagI3C Power Modules DNS001 MagI3C LED Driver
V2.0
More results

Similar Description - 15435385AA350_17

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
15435385A9050 WURTH-15435385A9050_17 Datasheet
874Kb / 9P
   WL-SIMW SMD Infrared Ceramic Waterclear
15435394AA350 WURTH-15435394AA350 Datasheet
950Kb / 9P
   WL-SIMW SMD Infrared Ceramic Waterclear
15435385A9050 WURTH-15435385A9050 Datasheet
874Kb / 9P
   WL-SIMW SMD Infrared Ceramic Waterclear
15435394A9050 WURTH-15435394A9050 Datasheet
874Kb / 9P
   WL-SIMW SMD Infrared Ceramic Waterclear
15435385AA350 WURTH-15435385AA350 Datasheet
951Kb / 9P
   WL-SIMW SMD Infrared Ceramic Waterclear
15414185BA210 WURTH-15414185BA210 Datasheet
749Kb / 8P
   WL-SITW SMD Infrared TOP LED Waterclear
15406085BA300 WURTH-15406085BA300 Datasheet
792Kb / 8P
   WL-SICW SMD Chip LED Infrared Waterclear
15411485AA370 WURTH-15411485AA370 Datasheet
828Kb / 8P
   WL-SISW SMD Infrared Sideview LED Waterclear
15414194BA210 WURTH-15414194BA210 Datasheet
749Kb / 8P
   WL-SITW SMD Infrared TOP LED Waterclear
15406094BA500 WURTH-15406094BA500 Datasheet
792Kb / 8P
   WL-SICW SMD Chip LED Infrared Waterclear
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com