Part Name
         Description
NTE1166

 Integrated Circuit Module, Hybrid, Audio Output, 5.8W for Car Radio & CB ( 2 Page)


NTE
100% 
Zoom Out Zoom In
   
 1 page
background image
NTE1166
Integrated Circuit
Module, Hybrid, Audio Output, 5.8W
for Car Radio & CB
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Power Supply Voltage, VCC
18V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (TC = +75°C), PD
4.5W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–20
° to +75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C, VCC = 13.2V unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Quiescent Current
IQ
VIN = 0
28
70
mA
Voltage Gain (Closed Circuit)
GVC
f = 1kHz, RL = 4Ω, RN = 68Ω
52
58
dB
Power Output
Pout
f = 1kHz, RL = 4Ω, THD = 10%
4.5
5.8
W
Total Harmonic Distortion
THD
f = 1kHz, RL = 4Ω, Pout = 0.5W
0.6
2.0
%
Output Noise Voltage
VNO
Rg = 10kΩ, RL = 4Ω
1.5
5.0
mV
Input Resistance
Rin
f = 1kHz
25
k
VCC
Pin Connection Diagran
(Front View)
Bypass
Input
Output
Bypass
Feedback
Bypass
NFB
GND
9
8
7
6
Bypass
5
4
3
2
1
10



Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KIA7217APBIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC 5.8W AUDIO POWER AMPLIFIER CAR STEREO CAR RADIO OUTPUT 1 2 3 4 KEC(Korea Electronics)
NTE1370Integrated Circuit Audio Power Amplifier 5.8W for Car Radio 1 2 NTE Electronics
NTE1375Integrated Circuit Audio Power Amp for Car Radio 5.8W 1 2 NTE Electronics
NTE1388Integrated Circuit Audio Power Amplifier 5.8W for Car Radio Car Stereo 1 2 3 NTE Electronics
NTE1390Integrated Circuit Audio Power Amplifier 12W for Car Radio or Car Stereo 1 2 3 NTE Electronics
NTE1338Integrated Circuit Module Hybrid Dual Driver for 40W to 50W Audio Power Amp 1 2 NTE Electronics
NTE1339Integrated Circuit Module Hybrid Dual Driver for 80W to 90W Audio Power Amp 1 2 NTE Electronics
NTE1232Integrated Circuit Audio Amplifier for Car Radio 8W 1 2 3 NTE Electronics
NTE1732Integrated Circuit Module Hybrid TV Voltage Regulator w/4W Audio Output 1 2 3 NTE Electronics
NTE1024Integrated Circuit Module - Hybrid Audio Power Amplifier 1 2 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl