Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

156125M173000 Datasheet(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 156125M173000
Description  WL-SFRW SMD Full-color Reverse mount Waterclear
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

156125M173000 Datasheet(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  156125M173000 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 156125M173000 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 156125M173000 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 156125M173000 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 156125M173000 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 156125M173000 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 156125M173000 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Classification Reflow Profile for SMT components:
Time
Tp
tp
tL
tS
Ts max
Ts min
TC –5°C
TL
25
Time 25°C to Peak
Preheat Area
Max. Ramp Up Rate
Max. Ramp Down Rate
Profile Feature
Value
Preheat Temperature Min
Ts min 150 °C
Preheat Temperature Max
Ts max 200 °C
Preheat Time ts from Ts min to Ts max
ts
max. 60 - 120 seconds
Ramp-up Rate (TL to TP)
3 °C/ second max.
Liquidous Temperature
TL
217 °C
Time tL maintained above TL
tL
max. 60 seconds
Peak package body temperature
Tp
see table
Time within 5°C of actual peak temperaure
t p
max. 10 seconds
Ramp-down Rate (TL to TP)
6 °C/ second max.
Time 25°C to peak temperature
max. 220 seconds
Classification Reflow Soldering Profile:
refer to IPC/ JEDEC J-STD-020E
Properties
Volume mm³
<350
Volume mm³
350-2000
Volume mm³
>2000
PB-Free Assembly | Package Thickness < 1.6 mm
260 °C
260 °C
260 °C
PB-Free Assembly | Package Thickness 1.6 mm - 2.5 mm 260 °C
250 °C
245 °C
PB-Free Assembly | Package Thickness ≥ 2.5 mm
250 °C
245 °C
245 °C
Applied cycles
2 cycles max.
Package Classification Reflow Temperature:
refer to IPC/ JEDEC J-STD-020E
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
HOe
DIN ISO 2768-1m
DESCRIPTION
WL-SFRW SMD Full-color Reverse
mount Waterclear
ORDER CODE
156125M173000
SIZE
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
1205
001.000
Valid
2016-08-12
eiPal
5/7
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 156125M173000

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
156125BS57000 WURTH-156125BS57000 Datasheet
684Kb / 8P
   WL-SMRD SMD Mono-color Reverse mount Diffused
001.000
156125BS75000 WURTH-156125BS75000 Datasheet
684Kb / 8P
   WL-SMRW SMD Mono-color Reverse mount Waterclear
156125GS57000 WURTH-156125GS57000 Datasheet
684Kb / 8P
   WL-SMRD SMD Mono-color Reverse mount Diffused
001.000
156125GS75000 WURTH-156125GS75000 Datasheet
684Kb / 8P
   WL-SMRW SMD Mono-color Reverse mount Waterclear
156125RB73000 WURTH-156125RB73000 Datasheet
501Kb / 7P
   WL-SBRW SMD Bi-color Reverse mount Waterclear
More results

Similar Description - 156125M173000

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
156120M173000 WURTH-156120M173000 Datasheet
1Mb / 8P
   WL-SFRW SMT Full-color Reverse mount Waterclear
001.001
156120YS82500 WURTH-156120YS82500_17 Datasheet
689Kb / 8P
   WL-SMRW SMD Mono-color Reverse mount Waterclear
156125RG73000 WURTH-156125RG73000 Datasheet
502Kb / 7P
   WL-SBRW SMD Bi-color Reverse mount Waterclear
156120YS82500 WURTH-156120YS82500 Datasheet
557Kb / 7P
   WL-SMRW SMD Mono-color Reverse mount Waterclear
156125RS75000 WURTH-156125RS75000 Datasheet
684Kb / 8P
   WL-SMRW SMD Mono-color Reverse mount Waterclear
156125YV73000 WURTH-156125YV73000 Datasheet
660Kb / 8P
   WL-SBRW SMD Bi-color Reverse mount Waterclear
156120AS82500 WURTH-156120AS82500_17 Datasheet
689Kb / 8P
   WL-SMRW SMD Mono-color Reverse mount Waterclear
156125RV73000 WURTH-156125RV73000 Datasheet
526Kb / 7P
   WL-SBRW SMD Bi-color Reverse mount Waterclear
156125BS75000 WURTH-156125BS75000 Datasheet
684Kb / 8P
   WL-SMRW SMD Mono-color Reverse mount Waterclear
156120RS82500 WURTH-156120RS82500_17 Datasheet
689Kb / 8P
   WL-SMRW SMD Mono-color Reverse mount Waterclear
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com