Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

150066SV74000 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 150066SV74000
Description  WL-SBCW SMD Bi-color Chip LED Waterclear
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

150066SV74000 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  150066SV74000_17 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 150066SV74000_17 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 150066SV74000_17 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 150066SV74000_17 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 150066SV74000_17 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 150066SV74000_17 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 150066SV74000_17 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Dimensions: [mm]
1
2
3
4
Polarity Mark
(Cathode)
1,1 ±0,1
1,6 ±0,1
0,9 ±0,1
R
0,16
typ.
Scale - 15:1
Recommended Land Pattern: [mm]
0,8
2
Scale - 15:1
Schematic:
-
3
+
4
V
-
1
+
2
S
Properties
Test conditions
Value
Unit
Power Dissipation (Red)
PDISS R
72
mW
Power Dissipation (Bright Green)
PDISS V
72
mW
Peak Forward Current
duty/ 10 @ 1 kHz
IF Peak
100
mA
Continuous Forward Current
IF
30
mA
Reverse Voltage
VREV
5
V
ESD Threshold/ Human Body
Model
VESD HBM
2000
V
Absolute Maximum Ratings (Ambient Temperature 25°C):
Chip Technology
AlInGaP
Emitting Color
Super Red & Bright Green
Lens Type
Waterclear
Optical Properties:
Operating Temperature
-40 °C up to +85 °C
Storage Temperature (in original
packaging)
-40 °C up to +85 °C
Moisture Sensitive Level
MSL
3
General Information:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
PLD
DIN ISO 2768-1m
DESCRIPTION
WL-SBCW SMD Bi-color Chip LED
Waterclear
ORDER CODE
150066SV74000
SIZE
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
0606
002.000
Valid
2016-12-09
eiPal
1/7
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 150066SV74000_17

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
150066SV74000 WURTH-150066SV74000 Datasheet
2Mb / 9P
   WL-SBCW SMD chip LED top view bi-color waterclear
More results

Similar Description - 150066SV74000_17

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
150066YV74000 WURTH-150066YV74000 Datasheet
718Kb / 8P
   WL-SBCW SMD Bi-color Chip LED Waterclear
150121YV74000 WURTH-150121YV74000 Datasheet
643Kb / 8P
   WL-SBCW SMD Bi-color Chip LED Waterclear
150066RG74000 WURTH-150066RG74000 Datasheet
839Kb / 9P
   WL-SBCW SMT Bi-color Chip LED Waterclear
001.000
150066SV74000 WURTH-150066SV74000 Datasheet
2Mb / 9P
   WL-SBCW SMD chip LED top view bi-color waterclear
150121SV74000 WURTH-150121SV74000 Datasheet
1Mb / 9P
   WL-SBCW SMD chip LED top view bi-color waterclear
1.0 2014-11-05
150141YB73100 WURTH-150141YB73100 Datasheet
2Mb / 9P
   WL-SBTW SMD TOP LED bi-color waterclear
150141YV73100 WURTH-150141YV73100 Datasheet
718Kb / 8P
   WL-SBTW SMD Bi-color TOP LED Waterclear
150141RB73100 WURTH-150141RB73100 Datasheet
2Mb / 9P
   WL-SBTW SMD TOP LED bi-color waterclear
150141RV73100 WURTH-150141RV73100 Datasheet
2Mb / 9P
   WL-SBTW SMD TOP LED bi-color waterclear
150066M173000 WURTH-150066M173000_17 Datasheet
609Kb / 8P
   WL-SFCW SMD Full-color Chip LED Waterclear
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com