Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

150066M153000 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 150066M153000
Description  WL-SFCD SMD Full-color Chip LED Diffused
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

150066M153000 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  150066M153000_17 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 150066M153000_17 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 150066M153000_17 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 150066M153000_17 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 150066M153000_17 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 150066M153000_17 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 150066M153000_17 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 150066M153000_17 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Properties
Test conditions
Value
Unit
min.
typ.
max.
Peak Wavelength (Red)
20 mA
λPeak R
632
nm
Peak Wavelength (Green)
20 mA
λPeak G
520
nm
Peak Wavelength (Blue)
20 mA
λPeak B
468
nm
Dominant Wavelength (Red)
20 mA
λDom R
624
nm
Dominant Wavelength (Green)
20 mA
λDom G
525
nm
Dominant Wavelength (Blue)
20 mA
λDom B
470
nm
Luminous Intensity (Red)
20 mA
IV R
180
285
mcd
Luminous Intensity (Green)
20 mA
IV G
715
900
mcd
Luminous Intensity (Blue)
20 mA
IV B
112
180
mcd
Forward Voltage (Red)
20 mA
VF R
2
2.4
V
Forward Voltage (Green)
20 mA
VF G
3.3
3.9
V
Forward Voltage (Blue)
20 mA
VF B
3.3
3.9
V
Spectral Bandwidth (Red)
20 mA
Δλ R
20
nm
Spectral Bandwidth (Green)
20 mA
Δλ G
30
nm
Spectral Bandwidth (Blue)
20 mA
Δλ B
20
nm
Reverse Current
5 V
IREV
100
µA
Viewing Angle
20 mA
50%
120
°
Electrical & Optical Properties:
Viewing Angle:
100
100
90
90
80
80
70
70
60
60
50
50
40
40
30
30
20
20
10
10
0
0
°
10
°
20
°
30
°
40
°
45
°
50
°
60
°
70
°
80
°
90
°
-45
-90
- 60
°
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
PLD
DIN ISO 2768-1m
DESCRIPTION
WL-SFCD SMD Full-color Chip
LED Diffused
ORDER CODE
150066M153000
SIZE
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
0606
001.000
Valid
2016-08-12
eiPal
2/8
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 150066M153000_17

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
150066M153000 WURTH-150066M153000 Datasheet
502Kb / 7P
   WL-SFCD SMD full-color Chip LED Diffused
More results

Similar Description - 150066M153000_17

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
150080M153000 WURTH-150080M153000 Datasheet
605Kb / 8P
   WL-SFCD SMD Full-color Chip LED Diffused
150066M153000 WURTH-150066M153000 Datasheet
502Kb / 7P
   WL-SFCD SMD full-color Chip LED Diffused
150121M153000 WURTH-150121M153000 Datasheet
609Kb / 8P
   WL-SFCD SMD Full-color Chip LED Diffused
150353M153300 WURTH-150353M153300 Datasheet
616Kb / 8P
   WL-SFTD SMD Full-color Top LED Diffused
150060YS55040 WURTH-150060YS55040 Datasheet
594Kb / 7P
   WL-SMCD SMD Mono-color Chip LED Diffused
150060RS55040 WURTH-150060RS55040 Datasheet
594Kb / 7P
   WL-SMCD SMD Mono-color Chip LED Diffused
150060VS55040 WURTH-150060VS55040 Datasheet
594Kb / 7P
   WL-SMCD SMD Mono-color Chip LED Diffused
150060BS55040 WURTH-150060BS55040 Datasheet
594Kb / 7P
   WL-SMCD SMD Mono-color Chip LED Diffused
150060GS55040 WURTH-150060GS55040 Datasheet
594Kb / 7P
   WL-SMCD SMD Mono-color Chip LED Diffused
150060SS55040 WURTH-150060SS55040 Datasheet
594Kb / 7P
   WL-SMCD SMD Mono-color Chip LED Diffused
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com