Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC90A49P Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TC90A49P
Description  3LINE DIGITAL Y / C SEPARATOR IC (MULTICOLOR TYPE)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC90A49P Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TC90A49P Datasheet HTML 7Page - Toshiba Semiconductor TC90A49P Datasheet HTML 8Page - Toshiba Semiconductor TC90A49P Datasheet HTML 9Page - Toshiba Semiconductor TC90A49P Datasheet HTML 10Page - Toshiba Semiconductor TC90A49P Datasheet HTML 11Page - Toshiba Semiconductor TC90A49P Datasheet HTML 12Page - Toshiba Semiconductor TC90A49P Datasheet HTML 13Page - Toshiba Semiconductor TC90A49P Datasheet HTML 14Page - Toshiba Semiconductor TC90A49P Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TC90A49P/F
2001-03-06 11/17
MAXIMUM RATINGS (Ta = 25℃
℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Power Supply Voltage
VDD
VSS + 6.0
V
Max
Vinmax
VDD + 0.3
Pin Voltage
Min
Vinmin
VSS − 0.3
V
Power Dissipation
49P (Note)
PD
550
mW
Power Dissipation
49F (Note)
PD
458
mW
Storage Temperature
Tstg
−55~125
°C
(Note) : Ta
= 70°C
RECOMMENDED OPERATING CONDITIONS
CHARACTERISTIC
SYMBOL
MIN
TYP.
MAX
UNIT
NOTE
Power Supply Voltage
VDD
4.75
5.0
5.25
V
Digital Input Voltage
VDIN
0
VDD
V
Operating Temperature
Topr
−10
70
°C
ELECTRICAL CHARACTERISTICS (Pin no. corresponds to DIP package pin no.)
DC CHARACTERISTICS
(Ta = 25°C, VDD = 5.0 V, CKIN = 3.58 MHz, 1.0 Vp-p input, Ain = no input, in all modes)
CHARACTERISTIC
SYMBOL
MIN
TYP.
MAX
UNIT
NOTE
Power Supply Current
IDD
40
75
85
mA
Supply current, in all modes
V2
0.5
1.3
2.1
V
Pin 2 : ADC bias
V3
2.85
3.15
3.48
V
Pin 3 : AD range D upper limit
V4
1.65
1.85
2.02
V
Pin 4 : Ain input pin voltage
V5
1.65
1.85
2.02
V
Pin 5 : AD range D lower limit
V18
2.85
3.15
3.48
V
Pin 18 : DA range D upper limit
Pin Voltage
V19
1.65
1.85
2.02
V
Pin 19 : DA range D lower limit
DC CHARACTERISTICS
(Ta = 25°C, VDD = 5.0 V, CKIN = each fsc, Ain = no input, unless otherwise specified, in all
modes)
CHARACTERISTIC
SYMBOL
MIN
TYP.
MAX
UNIT
NOTE
YOUT
1.65
1.85
2.02
V
Pin 20 : YOUT
Output Voltage
COUT
1.65
1.85
2.02
V
Pin 17 : COUT


Similar Part No. - TC90A49P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC90A44F TOSHIBA-TC90A44F Datasheet
410Kb / 11P
   NTSC 2-LINE DIGITAL Y/C SEPARATION IC
TC90A44P TOSHIBA-TC90A44P Datasheet
410Kb / 11P
   NTSC 2-LINE DIGITAL Y/C SEPARATION IC
TC90A44P TOSHIBA-TC90A44P Datasheet
245Kb / 11P
   NTSC 2-LINE DIGITAL Y / C SEPARATION IC
TC90A45F TOSHIBA-TC90A45F Datasheet
410Kb / 11P
   NTSC 2-LINE DIGITAL Y/C SEPARATION IC
TC90A45F TOSHIBA-TC90A45F Datasheet
245Kb / 11P
   NTSC 2-LINE DIGITAL Y / C SEPARATION IC
More results

Similar Description - TC90A49P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC90A53N TOSHIBA-TC90A53N Datasheet
305Kb / 17P
   3-LINE DIGITAL Y / C SEPARATOR IC
logo
Sanyo Semicon Device
LA76600M SANYO-LA76600M Datasheet
247Kb / 8P
   Monolithic Linear IC Video Signal Y/C Separator IC
logo
Toshiba Semiconductor
TC90A13N TOSHIBA-TC90A13N Datasheet
542Kb / 14P
   3 LINE DIGITAL Y/C SEPARATION IC
TC90A44P TOSHIBA-TC90A44P Datasheet
245Kb / 11P
   NTSC 2-LINE DIGITAL Y / C SEPARATION IC
TC90A44P TOSHIBA-TC90A44P Datasheet
410Kb / 11P
   NTSC 2-LINE DIGITAL Y/C SEPARATION IC
TC9090AN TOSHIBA-TC9090AN Datasheet
787Kb / 23P
   Multicolor system Version 3-Line digital YC Separation ic
logo
Sony Corporation
CXA1213AS SONY-CXA1213AS Datasheet
699Kb / 26P
   Y/C/JUNGLE IC FOR PAL/NTSC
logo
Rohm
BA7071F ROHM-BA7071F Datasheet
75Kb / 7P
   SYNC separator IC with AFC
BA7046 ROHM-BA7046 Datasheet
92Kb / 7P
   SYNC separator IC with AFC
BA7062F ROHM-BA7062F Datasheet
88Kb / 7P
   SYNC separator IC with AFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com