Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSS-B20-0635H Datasheet(PDF) 3 Page - CUI INC

Part # HSS-B20-0635H
Description  solder pin for secure PCB mounting
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

HSS-B20-0635H Datasheet(HTML) 3 Page - CUI INC

  HSS-B20-0635H Datasheet HTML 1Page - CUI INC HSS-B20-0635H Datasheet HTML 2Page - CUI INC HSS-B20-0635H Datasheet HTML 3Page - CUI INC HSS-B20-0635H Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
cui.com
CUI Inc
│ SERIES: HSS-B20-0635 │ DESCRIPTION: HEAT SINK
date 03/29/2017
│ page 3 of 4
MECHANICAL DRAWING
units: mm
tolerance: ±0.5 mm
MATERIAL
AL1050
FINISH
black anodized
THICKNESS
1.2 mm
PIN MATERIAL
brass
PIN PLATING
tin
WEIGHT
HSS-B20-0635H: 1.5 g
HSS-B20-0635H-01: 1.7 g
HSS-B20-0635H-02: 2.0 g
HSS-B20-0635H
HSS-B20-0635H-01
HSS-B20-0635H-02
For more information, please visit the product page.


Similar Part No. - HSS-B20-0635H

ManufacturerPart #DatasheetDescription
logo
CUI INC
HSS-B20-061H CUI-HSS-B20-061H Datasheet
319Kb / 3P
   slide in style for easy component attachment
HSS-B20-061H-01 CUI-HSS-B20-061H-01 Datasheet
293Kb / 3P
   available with and without solder pins
HSS-B20-061H-02 CUI-HSS-B20-061H-02 Datasheet
308Kb / 3P
   slide in style for easy component attachment
HSS-B20-061H-03 CUI-HSS-B20-061H-03 Datasheet
270Kb / 3P
   solder pin for secure PCB mounting
HSS-B20-065V CUI-HSS-B20-065V Datasheet
319Kb / 3P
   slide in style for easy component attachment
More results

Similar Description - HSS-B20-0635H

ManufacturerPart #DatasheetDescription
logo
CUI INC
HSS-B20-061H-03 CUI-HSS-B20-061H-03 Datasheet
270Kb / 3P
   solder pin for secure PCB mounting
HSS-B20-085H CUI-HSS-B20-085H Datasheet
265Kb / 3P
   solder pin for secure PCB mounting
HSS-B20-043H-01 CUI-HSS-B20-043H-01 Datasheet
307Kb / 3P
   solder pins for secure PCB mounting
SJD1-3201-54 CUI-SJD1-3201-54 Datasheet
466Kb / 3P
   placement pins for secure PCB mounting
logo
Picker Components
SC113-2C-PCB PICKER-SC113-2C-PCB Datasheet
91Kb / 1P
   8 Pin Midget Socket for PCB Mounting
logo
Meder Electronic
MK06-4-C MEDER-MK06-4-C Datasheet
527Kb / 4P
   Reed Sensors for PCB Mounting
MK6-4-B MEDER-MK6-4-B Datasheet
466Kb / 5P
   Reed Sensors for PCB Mounting
logo
AIMTEC
AM30K-I-Z AIMTEC-AM30K-I-Z Datasheet
328Kb / 5P
   Power modules for PCB mounting
logo
Schurter Inc.
PMS SCHURTER-PMS_V02 Datasheet
328Kb / 4P
   Push button for PCB mounting
04.01.2022
5500 SCHURTER-5500 Datasheet
664Kb / 3P
   AC Filter for PCB Mounting
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com