Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74A23F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC74A23F
Description  Toshiba CMOS Digital Integrated Circuit Silicon Monolithic
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74A23F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC74A23F Datasheet HTML 1Page - Toshiba Semiconductor TC74A23F Datasheet HTML 2Page - Toshiba Semiconductor TC74A23F Datasheet HTML 3Page - Toshiba Semiconductor TC74A23F Datasheet HTML 4Page - Toshiba Semiconductor TC74A23F Datasheet HTML 5Page - Toshiba Semiconductor TC74A23F Datasheet HTML 6Page - Toshiba Semiconductor TC74A23F Datasheet HTML 7Page - Toshiba Semiconductor TC74A23F Datasheet HTML 8Page - Toshiba Semiconductor TC74A23F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TC94A23F
2002-02-06
3
Pin Connections
Note:
Symbols used for the pins above indicate the following pin functions.
Note:
When the CD is off, the power supply pins for the controller (MVDD) and the power pins supply for the CD oscillator (XVDD) are on and the CD processor-dedicated power
supply pins (indicated by asterisk *) are off.
3
M
*
A
R
M
: CD processor-dedicated pin
: Power supply pin
: CD processor tri-state output pin
: CD processor analog input/output pin
: Reference input pin
: Controller-dedicated pin
COM2 (OT2)
MVDD
MVSS
MXI
MXO
INTR
RST
IN2/(VPP)
TESTM
DVSL
LO
DVRL
DVDD
RO
DVRR
DVSR
P2-1 ( HSO in)
P2-0 (EMPHin)
P4-3 (SCK/SCL)
P4-2 (SI0/SI1/SDA)
TMAX
PDO
P2VREF
VSS
SBOK
VDD
SBSY
DOUT
OT22 (COFS)
OT21 (SPDA)
OT20 (SPCK)
TESTC
IN1 (BCKin)
P2-3 (DATAin)
P2-2 (LRCKin)
M
M
3
3
3
R
3
3
3
3
R
A
A
A
A
A
A
A
A
A
3
A
A
3
A
R
A
A
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
3
3
R
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
R
M
R
M
M
M
M
M
M
M
M
M
M
M
M
M
M
*
*
*
*
*
*
*
*
*
*
*
*
*
*
81
85
90
95
100
50
45
40
35
31
1
5
10
15
20
25
30
80
75
70
65
60
55
51
*
HOLD
COM1 (OT1)
COM4 (OT4)
COM3 (OT3)
OT19 ( HSO )
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
OSC
Power supply to controller
Controller test input
Reset input
Hold input
Interrupt input
CD processor input/output
CD test input
I/O ports (16)
Power supply to
controller
LCD driver/LED driver output port
(LCD: 4
´ 18 = 72 segments max, LED: 18 segments)
T C 9 4 A 2 3 F
(QPF100 pin)
CD function pins switched together


Similar Part No. - TC74A23F

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC74A2-3.3VAT MICROCHIP-TC74A2-3.3VAT Datasheet
258Kb / 18P
   Tiny Serial Digital Thermal Sensor
11/29/12 2001-2012
TC74A2-3.3VCT MICROCHIP-TC74A2-3.3VCT Datasheet
258Kb / 18P
   Tiny Serial Digital Thermal Sensor
11/29/12 2001-2012
TC74A2-3.3VCTTR MICROCHIP-TC74A2-3.3VCTTR Datasheet
258Kb / 18P
   Tiny Serial Digital Thermal Sensor
11/29/12 2001-2012
TC74A2-33VAT MICROCHIP-TC74A2-33VAT Datasheet
430Kb / 16P
   Tiny Serial Digital Thermal Sensor
2002
TC74A2-33VCT MICROCHIP-TC74A2-33VCT Datasheet
430Kb / 16P
   Tiny Serial Digital Thermal Sensor
2002
More results

Similar Description - TC74A23F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com