Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ1080 Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # SQ1080
Description  PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SQ1080 Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  SQ1080 Datasheet HTML 1Page - HY ELECTRONIC CORP. SQ1080 Datasheet HTML 2Page - HY ELECTRONIC CORP. SQ1080 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERTIC CURVES
SQ1040 thru SQ10100
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!
Rev. 7, 16-Mar-2017
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.3-TYPICAL REVERSE CHARACTERISTICS
40
60
80
100
120
140
20
0.1
1.0
1000
10
0.01
0
100
TJ=75
TJ=100
TJ=25
CASE TEMPERATURE ℃
FIG.1-FORWARD CURRENT DERATING CURVE
8.0
2.0
0
10.0
6.0
4.0
12.0
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
25
50
75
100
125
150
175
200
NUMBER OF CYCLES AT 60Hz
FIG.2-MAXIMUM NON-REPETITVE SURGE
8.3Single Half-Sine-Wave
(JEDEC METOD)
1
2
5
10
20
50
100
0
60
180
240
300
120
360
FIG.5-TYPICAL JUNCTION
REVERSE VOLTAGE
TJ=25℃ ,f=1MHZ
1
100
1000
0.1
14
10
100
FIG.4-TYPICAL FORWARD CHARACTERISTICS
0.2
1.0
SQ1080 - SQ10100
TJ=25℃
PULSE WIDTH 300US
2%DUTY CYCLE
SQ1050 - SQ1060
SQ1040 -
SQ1045
INSTANTANEOUS FORWARD VOLTAGE VOLTS
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
10
100
0.1
FIG.4-TYPICAL FORWARD
INSTANTANEOUS FORWARD VOLTAGE VOLTS
SQ1080 - SQ10100
TJ=25℃
PULSE WIDTH 300US
2%DUTY CYCLE
SQ1050 - SQ1060
SQ1040 -
SQ1045


Similar Part No. - SQ1080

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
SQ1080 HY-SQ1080 Datasheet
262Kb / 3P
   Photovoltaic Solar Cell Protection Schottky Diode
SQ1080 HY-SQ1080_V01 Datasheet
262Kb / 3P
   Photovoltaic Solar Cell Protection Schottky Diode
More results

Similar Description - SQ1080

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSB2045Y-M3 VISHAY-VSB2045Y-M3 Datasheet
79Kb / 6P
   Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 04-Dec-13
logo
HY ELECTRONIC CORP.
20TLV045 HY-20TLV045_17 Datasheet
138Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
20TQ045 HY-20TQ045_17 Datasheet
142Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
25PV030 HY-25PV030_17 Datasheet
150Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
THY1545 HY-THY1545_17 Datasheet
146Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
TP2545 HY-TP2545_17 Datasheet
142Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
SB1240 GOOD-ARK-SB1240 Datasheet
87Kb / 2P
   Photovoltaic Solar cell Protection Schottky Rectifier
logo
Vishay Siliconix
VSB2045 VISHAY-VSB2045 Datasheet
77Kb / 4P
   Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 06-Jul-12
logo
GOOD-ARK Electronics
SB1235 GOOD-ARK-SB1235_15 Datasheet
87Kb / 2P
   Photovoltaic Solar cell Protection Schottky Rectifier
logo
Vishay Siliconix
VSB1545-M3 VISHAY-VSB1545-M3_V01 Datasheet
78Kb / 5P
   Photovoltaic Solar Cell Protection Schottky Rectifier
08-Feb-17
VSB1545S-E3 VISHAY-VSB1545S-E3 Datasheet
84Kb / 5P
   Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 11-Sep-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com