Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKM36-HVV0-K02 Datasheet(PDF) 5 Page - SICK AG

Part # SKM36-HVV0-K02
Description  MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

SKM36-HVV0-K02 Datasheet(HTML) 5 Page - SICK AG

  SKM36-HVV0-K02 Datasheet HTML 1Page - SICK AG SKM36-HVV0-K02 Datasheet HTML 2Page - SICK AG SKM36-HVV0-K02 Datasheet HTML 3Page - SICK AG SKM36-HVV0-K02 Datasheet HTML 4Page - SICK AG SKM36-HVV0-K02 Datasheet HTML 5Page - SICK AG SKM36-HVV0-K02 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SKM36-HVV0-K02 | SKS/SKM36
MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE®
Recommended accessories
Other models and accessories
www.sick.com/SKS_SKM36
Brief description
Type
Part no.
Flanges
Flange adapter, adaption of 25 mm spigot face mount flange to 60s face mount flange
with 36 mm centering collar, Aluminum
BEF-FA-025-036
2034226
Flange adapter, adapts SKS/SKM36 servo/face mount flange encoder with 25 mm cen-
tering collar to size 60 mm face mount flange with 36 mm centering collar, Aluminum
BEF-FA-025-036-SK
2083558
Flange adapter, adaption of 25 mm spigot face mount flange to 50 mm servo flange,
Aluminum
BEF-FA-025-050
2032622
Flange adapter, adapts SKS/SKM36 face mount flange encoder with 25 mm centering
collar to 50 mm servo flange, Aluminum
BEF-FA-025-050-SK
2083559
Flange adapter, adaption of 25 mm spigot face mount flange to 60 mm square installa-
tion plate, Aluminum
BEF-FA-025-060RCA
2032623
Flange adapter, adaption of 25 mm spigot face mount flange to 60 mm square installa-
tion plate with shock-absorber, Aluminum
BEF-FA-025-060RSA
2032624
Flange adapter, adapts SKS/SKM36 servo/face mount flange encoder with 25 mm cen-
tering collar to 60 mm square mounting plate, Aluminum
BEF-FA025060R-
CASK
2083560
Flange adapter, adapts SKS/SKM36 face mount flange encoder with 25 mm centering
collar to 60 mm square mounting plate with shock absorbers, Aluminum
BEF-
FA025060RSASK
2083561
Flange adapter, adapts SKS/SKM36 servo/face mount flange encoder with 25 mm cen-
tering collar to 63 mm square mounting plate, Aluminum
BEF-
FA025063RECSK
2083562
Mounting brackets and plates
Mounting brackets for encoders with a centering spigot 25 mm, mounting kit for face
mount flange included
BEF-WF-25
2032621
Mounting bracket for SKS/SKM36 servo/face mount flange encoder with 25 mm cen-
tering collar, mounting kit for face mount flange included
BEF-WF-25-SK
2083557
Plug connectors and cables
Head A: female connector, M23, 12-pin, straight
Head B: male connector, M23, 17-pin, straight
Cable: HIPERFACE®, unshielded, 1 m
DSL-2317-G01MJB2
2071328
Head A: female connector, JST, 8-pin, straight
Head B: male connector, M23, 17-pin, straight
Cable: HIPERFACE®, unshielded, 1 m
DSL-2317-G01MJB6
2071327
Head A: female connector, M12, 8-pin, straight
Head B: male connector, M23, 17-pin, straight
Cable: HIPERFACE®, unshielded, 1 m
DSL-2317-G01MJC1
2071329
Head A: female connector, terminal box, 8-pin, straight
Head B: male connector, M23, 17-pin, straight
Cable: HIPERFACE®, unshielded, 1 m
DSL-2317-G01MJC6
2071330
Programming and configuration tools
SVip® LAN programming tool for all motor feedback systems
PGT-11-S LAN
1057324
SVip® WLAN programming tool for all motor feedback systems
PGT-11-S WLAN
1067474
2017-05-10 11:53:11 | Online data sheet
Subject to change without notice
MOTOR FEEDBACK SYSTEMS | SICK
5


Similar Part No. - SKM36-HVV0-K02

ManufacturerPart #DatasheetDescription
logo
SICK AG
SKM36-HVA0-K02 SICK-SKM36-HVA0-K02 Datasheet
2Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
More results

Similar Description - SKM36-HVV0-K02

ManufacturerPart #DatasheetDescription
logo
SICK AG
SRM50-HWA0-K22 SICK-SRM50-HWA0-K22 Datasheet
1Mb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SRM50-HUA0-K21 SICK-SRM50-HUA0-K21 Datasheet
882Kb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SKS36S-HFA0-K02 SICK-SKS36S-HFA0-K02 Datasheet
1Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SKM36S-HFA0-K02 SICK-SKM36S-HFA0-K02 Datasheet
1Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SKM36-HVA0-K02 SICK-SKM36-HVA0-K02 Datasheet
2Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SEK52-HNA0-K02 SICK-SEK52-HNA0-K02 Datasheet
1,010Kb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SRS50-HAA0-K22 SICK-SRS50-HAA0-K22 Datasheet
1Mb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SRM50S-HFA0-K21 SICK-SRM50S-HFA0-K21 Datasheet
1Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SRM50-HXA0-K22 SICK-SRM50-HXA0-K22 Datasheet
998Kb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SFM60-HPKT0K02 SICK-SFM60-HPKT0K02 Datasheet
1Mb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SFM60-HNKT0K02 SICK-SFM60-HNKT0K02 Datasheet
1Mb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com