Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LWK9553-TR1-J-CW-A02 Datasheet(PDF) 9 Page - LIGITEK electronics co., ltd.

Part # LWK9553-TR1-J-CW-A02
Description  SURFACE MOUNT LED TAPE AND REEL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LWK9553-TR1-J-CW-A02 Datasheet(HTML) 9 Page - LIGITEK electronics co., ltd.

Back Button LWK9553-TR1-J-CW-A02 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LWK9553-TR1-J-CW-A02 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LWK9553-TR1-J-CW-A02 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LWK9553-TR1-J-CW-A02 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LWK9553-TR1-J-CW-A02 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LWK9553-TR1-J-CW-A02 Datasheet HTML 10Page - LIGITEK electronics co., ltd. LWK9553-TR1-J-CW-A02 Datasheet HTML 11Page - LIGITEK electronics co., ltd. LWK9553-TR1-J-CW-A02 Datasheet HTML 12Page - LIGITEK electronics co., ltd. LWK9553-TR1-J-CW-A02 Datasheet HTML 13Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Note : The tolerances unless mentioned is ±0.1mm,Angle± 0.5. Unit=mm.
Packing Specifications
Part No.
Label
Carrier Type Dimensions
8.0mm tape,7"reel
Description
1500 PCS
Quantity/Reel
Aluminum Moist-Proof bag
Label
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 8/13
LWK9553/TR1-J-CW-A02
PART NO. LWK9553/TR1-J-CW-A02
4.0
5.5
3.12
Polarity
1.75
4.06
9.3
12.0
±0.3
ψ1.55
2.0
4.0
2.24


Similar Part No. - LWK9553-TR1-J-CW-A02

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LWK9553-TR1-J-CW-A01 LIGITEK-LWK9553-TR1-J-CW-A01 Datasheet
183Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
More results

Similar Description - LWK9553-TR1-J-CW-A02

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L3WK9Q53-T150-TR1-WW-A02 LIGITEK-L3WK9Q53-T150-TR1-WW-A02 Datasheet
400Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
LDGM9553-TR1-A01 LIGITEK-LDGM9553-TR1-A01 Datasheet
342Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
LDUV9553Z-TR1 LIGITEK-LDUV9553Z-TR1 Datasheet
402Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
L3DGM5050-TR1 LIGITEK-L3DGM5050-TR1 Datasheet
258Kb / 11P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-T150-TR1-CW-A01 LIGITEK-L3WK9Q53-T150-TR1-CW-A01 Datasheet
285Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-T150-TR1-NW-A01 LIGITEK-L3WK9Q53-T150-TR1-NW-A01 Datasheet
417Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-P-WW LIGITEK-L3WK9Q53-TR1-P-WW Datasheet
234Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-P-WW-A01 LIGITEK-L3WK9Q53-TR1-P-WW-A01 Datasheet
232Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-WW LIGITEK-L3WK9Q53-TR1-WW Datasheet
406Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L9SEFWK9553 LIGITEK-L9SEFWK9553 Datasheet
352Kb / 15P
   SURFACE MOUNT LED TAPE AND REEL
LDBK9UG9553-R9-B01 LIGITEK-LDBK9UG9553-R9-B01 Datasheet
314Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com