Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL78M08 Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # BL78M08
Description  Three-terminal positive voltage regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

BL78M08 Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  BL78M08 Datasheet HTML 1Page - Sirectifier Semiconductors BL78M08 Datasheet HTML 2Page - Sirectifier Semiconductors BL78M08 Datasheet HTML 3Page - Sirectifier Semiconductors BL78M08 Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Production specification
Three-terminal positive voltage regulator
BL78M08
W045
www.gmicroelec.com
Rev.A
1
FEATURES
Output current in excess of 0.5A.
No extemal components.
Internal thermal overload protection.
Intermal short circuit current-limiting.
Output transistor safe-area compensation.
APPLICATIONS
Three-terminal positive voltage regulator.
TO-252
MAXIMUM RATING operating temperature range applies unless otherwise specified
Symbol
Parameter
Value
Units
VI
Input voltage
35
V
PD
Power Dissipation
1.25
W
RθJA
Thermal Resistance Junction-Air
92
/W
TOPR
Operating junction temperature
0 to 150
Tstg
Storage temperature range
-65 to +150
Pb
Lead-free


Similar Part No. - BL78M08

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BL78M08 BILIN-BL78M08 Datasheet
92Kb / 4P
   Three-terminal positive voltage regulator
More results

Similar Description - BL78M08

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJ7806-TO-220 JIANGSU-CJ7806-TO-220 Datasheet
187Kb / 2P
   Three-terminal positive voltage regulator
CJ7915-TO-220 JIANGSU-CJ7915-TO-220 Datasheet
127Kb / 2P
   Three-terminal positive voltage regulator
CJ78L05-SOT-23-3L JIANGSU-CJ78L05-SOT-23-3L Datasheet
136Kb / 2P
   Three-terminal positive voltage regulator
CJ78L09-TO-92 JIANGSU-CJ78L09-TO-92 Datasheet
110Kb / 2P
   Three-terminal positive voltage regulator
CJ78L18 JIANGSU-CJ78L18 Datasheet
103Kb / 1P
   Three-terminal positive voltage regulator
CJ7806F-TO-220 JIANGSU-CJ7806F-TO-220 Datasheet
117Kb / 1P
   Three-terminal positive voltage regulator
CJ7918-TO-220 JIANGSU-CJ7918-TO-220 Datasheet
80Kb / 1P
   Three-terminal positive voltage regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78M05-TO-252 WINNERJOIN-WEJ78M05-TO-252 Datasheet
80Kb / 1P
   Three-terminal positive voltage regulator
logo
Shenzhen Luguang Electr...
LGE78D05 LUGUANG-LGE78D05 Datasheet
263Kb / 2P
   Three-terminal positive voltage regulator
logo
Jiangsu Changjiang Elec...
CJ78M09 JIANGSU-CJ78M09 Datasheet
2Mb / 4P
   Three-terminal positive voltage regulator
CJ7809F JIANGSU-CJ7809F Datasheet
3Mb / 3P
   Three-terminal positive voltage regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com