Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER154 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # HER154
Description  1.5 AMP HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

HER154 Datasheet(HTML) 2 Page - Nanjing International Group Co

  HER154 Datasheet HTML 1Page - Nanjing International Group Co HER154 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.4
.6
.8
1.0
1.2
1.4
.001
.01
.1
1.0
10
RATING AND CHARACTERISTIC CURVES (HER151 THRU HER158)
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.5-TYPICAL JUNCTION CAPACITANCE
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0
10
20
40
50
30
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
D.U.T.
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
10
NONINDUCTIVE
50
NONINDUCTIVE
Tj=25 C
FIG.2-TYPICAL FORWARD CURRENT
0.3
0
0.6
0.9
1.2
1.5
1.8
DERATING CURVE
1.6 1.8
REVERSE VOLTAGE,(V)
175
150
125
100
75
50
25
0
.01
.05
.1
.5
1
5
10
50
100
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length
AMBIENT TEMPERATURE ( C)
0
25
50
75
100
125
150
175


Similar Part No. - HER154

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
HER154 GWSEMI-HER154 Datasheet
69Kb / 2P
   1.5 AMP HIGH EFFICIENCY RECTIFIERS
logo
Won-Top Electronics
HER154 WTE-HER154 Datasheet
48Kb / 3P
   1.5A HIGH EFFICIENCY RECTIFIER
logo
Nanjing International G...
HER154 DGNJDZ-HER154 Datasheet
215Kb / 2P
   1.5 AMP HIGH EFFICIENCY RECTIFIERS
logo
Taiwan Semiconductor Co...
HER154 TSC-HER154 Datasheet
69Kb / 2P
   1.5 AMPS. High Efficient Rectifiers
logo
RFE international
HER154 RFE-HER154 Datasheet
101Kb / 1P
   LEADED (THRU-HOLE) High Efficiency & Super Fast Rectifiers
More results

Similar Description - HER154

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
HER151 DGNJDZ-HER151 Datasheet
215Kb / 2P
   1.5 AMP HIGH EFFICIENCY RECTIFIERS
logo
Goodwork Semiconductor ...
HER151 GWSEMI-HER151 Datasheet
69Kb / 2P
   1.5 AMP HIGH EFFICIENCY RECTIFIERS
logo
Formosa MS
HER151 FORMOSA-HER151 Datasheet
34Kb / 2P
   1.5 AMP HIGH EFFICIENCY RECTIFIERS
logo
Bytes
HER151 BYTES-HER151 Datasheet
154Kb / 2P
   1.5 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER154-2C1.5A-2CDO-15 DGNJDZ-HER154-2C1.5A-2CDO-15 Datasheet
215Kb / 2P
   1.5 AMP HIGH EFFICIENCY RECTIFIERS
HER158-2C1.5A-2CDO-15 DGNJDZ-HER158-2C1.5A-2CDO-15 Datasheet
215Kb / 2P
   1.5 AMP HIGH EFFICIENCY RECTIFIERS
HER153-2C1.5A-2CDO-15 DGNJDZ-HER153-2C1.5A-2CDO-15 Datasheet
215Kb / 2P
   1.5 AMP HIGH EFFICIENCY RECTIFIERS
HER155-2C1.5A-2CDO-15 DGNJDZ-HER155-2C1.5A-2CDO-15 Datasheet
215Kb / 2P
   1.5 AMP HIGH EFFICIENCY RECTIFIERS
HER156-2C1.5A-2CDO-15 DGNJDZ-HER156-2C1.5A-2CDO-15 Datasheet
215Kb / 2P
   1.5 AMP HIGH EFFICIENCY RECTIFIERS
HER157.1.5A-2CDO-15 DGNJDZ-HER157.1.5A-2CDO-15 Datasheet
215Kb / 2P
   1.5 AMP HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com