Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER108 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # HER108
Description  1.0 AMP HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

HER108 Datasheet(HTML) 1 Page - Nanjing International Group Co

  HER108 Datasheet HTML 1Page - Nanjing International Group Co HER108 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HER101 THRU HER108
1.0 AMP HIGH EFFICIENCY RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=50 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 1.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range Tj, TSTG
1.0
1.0
1.3
1.70
30
5.0
150
50
7
5
20
-65
+150
V
A
A
V
uA
uA
nS
pF
C
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 0.34 grams
*
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
1.0 Ampere
HER101 HER102 HER103 HER104 HER105 HER106 HER107 HER108
UNITS
50
100
200
300
400
600
800
1000
50
100
200
300
400
600
800
1000
35
70
140
210
280
420
560
700
V
V
DO-41
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.205(5.2)
.166(4.2)
.03
1(.8)
.02
3(.6)
DIA.
.107(2.7)
.080(2.0)
DIA.
* High speed switching
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request


Similar Part No. - HER108

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER108 TSC-HER108 Datasheet
553Kb / 2P
   1.0 AMP. High Efficient Rectifiers
logo
Mospec Semiconductor
HER108 MOSPEC-HER108 Datasheet
129Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(1.0A,600-1000V)
logo
Zibo Seno Electronic En...
HER108 ZSELEC-HER108 Datasheet
113Kb / 2P
   1.0A HIGH EFFICIENCY RECTIFIER
logo
Goodwork Semiconductor ...
HER108 GWSEMI-HER108 Datasheet
69Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
HER108 LRC-HER108 Datasheet
61Kb / 2P
   1A HIGH EFFICIENCY GPP DIODES
More results

Similar Description - HER108

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
HER101S GWSEMI-HER101S Datasheet
70Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Yixinwei Techn...
UF4001 YIXIN-UF4001 Datasheet
153Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
UF4007-2C1A-2CDO-41 DGNJDZ-UF4007-2C1A-2CDO-41 Datasheet
139Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
HER108-2C1A-2CDO-41 DGNJDZ-HER108-2C1A-2CDO-41 Datasheet
143Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
HER105-2C1A-2CDO-41 DGNJDZ-HER105-2C1A-2CDO-41 Datasheet
143Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
UF4006-2C1A-2CDO-41 DGNJDZ-UF4006-2C1A-2CDO-41 Datasheet
139Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Formosa MS
UF4001 FORMOSA-UF4001 Datasheet
62Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
UNIOHM CORPORATION
1H1 UNIOHM-1H1 Datasheet
68Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Goodwork Semiconductor ...
1H1 GWSEMI-1H1 Datasheet
69Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
HER101 GWSEMI-HER101 Datasheet
69Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com