Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P-DWR-T010P-V233-01 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # P-DWR-T010P-V233-01
Description  DIELECTRIC WITHSTANDING VOLTAGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-DWR-T010P-V233-01 Datasheet(HTML) 2 Page - Amphenol Corporation

  P-DWR-T010P-V233-01 Datasheet HTML 1Page - Amphenol Corporation P-DWR-T010P-V233-01 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
REFERENCE IN PARENTHESES
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
AB
C
D
E
F
GH
2
1
2
1
SECONDARY
PRIMARY UNITS
INCHES
2
A
SCALE:
REV
DWG.
NO.
6
Amphenol Canada Corp.
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
DATE
REV
REVISIONS
OF
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
P-DWR-T010P-V233-01
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
CONNECTOR, RoHS COMPLIANT
S.CAELERS
A
NEW PROPOSAL DWG (EAR 13783)
OCT25/10
K.L.
DWG SIZE:
DWR SERIES SLIM DRAWER, 10 SIGNAL PIN
2
DRAWING
OCT25/10
K.LAMBIE
OCT25/10
03554
2:1
X
EAR 13783
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APPR.
ENG. REL. NO.
REF.
SCALE
DO NOT
PROJECTION
ANGLE
THIRD
SHEET
MILLIMETERS
ANGULAR DEGREES
GENERAL TOLERANCES
1 DECIMAL PLACE
2 DECIMAL PLACES
3 DECIMAL PLACES
UNLESS SPECIFIED OTHERWISE
POSITION DIMENSIONS
RECOMMENDED PCB LAYOUT
LOCATE HOLES
ARE BASIC
SCALE 4:1
MATED ASSEMBLY
SIDE VIEW
SCALE 4:1
COMPONENT SIDE OF BOARD
0.13[.005] DIA
2.74
.108
.431
10.96
4.48
TYP.
.176
±.002
1.02±0.05
.040
.130
3.30
.063
1.60
10 x
3.56±0.08
.140±.003
P/N DWR-T010S-V233-01
MATING RECEPTACLE
PIN CONNECTOR
P/N DWR-T010P-V233-01
20.58
REF
.810


Similar Part No. - P-DWR-T010P-V233-01

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-DWR-T010S-V233-01 AMPHENOL-P-DWR-T010S-V233-01 Datasheet
76Kb / 2P
   d-sub technical data
More results

Similar Description - P-DWR-T010P-V233-01

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
HL02150GTTR AVX-HL02150GTTR Datasheet
303Kb / 4P
   High Withstanding Voltage
logo
NEC
03P4MG NEC-03P4MG Datasheet
155Kb / 6P
   300 mA HIGH-WITHSTANDING-VOLTAGE MOLD SCR
logo
ASM GmbH
3159 ASM-SENSOR-3159 Datasheet
233Kb / 4P
   INSULATION / WITHSTANDING HiTESTER
logo
Surge Components
C43 SURGE-C43 Datasheet
3Mb / 9P
   Withstanding overvoltage stressing
C47 SURGE-C47 Datasheet
2Mb / 9P
   Withstanding overvoltage stressing
C44 SURGE-C44 Datasheet
2Mb / 9P
   Withstanding overvoltage stressing
logo
AVX Corporation
ESD35C103K4T2A-18 AVX-ESD35C103K4T2A-18 Datasheet
991Kb / 1P
   ESD Withstanding MLC Capacitor
logo
Token Electronics Indus...
PWR TOKEN-PWR Datasheet
1Mb / 14P
   Pulse Withstanding Chip Resistor
logo
Riedon Powertron
PCR1206-100KJ1 RIEDON-PCR1206-100KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR1206-470KJ1 RIEDON-PCR1206-470KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com