Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STSAM9708 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # STSAM9708
Description  Sound Synthesis
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STSAM9708 Datasheet(HTML) 3 Page - ATMEL Corporation

  STSAM9708 Datasheet HTML 1Page - ATMEL Corporation STSAM9708 Datasheet HTML 2Page - ATMEL Corporation STSAM9708 Datasheet HTML 3Page - ATMEL Corporation STSAM9708 Datasheet HTML 4Page - ATMEL Corporation STSAM9708 Datasheet HTML 5Page - ATMEL Corporation STSAM9708 Datasheet HTML 6Page - ATMEL Corporation STSAM9708 Datasheet HTML 7Page - ATMEL Corporation STSAM9708 Datasheet HTML 8Page - ATMEL Corporation STSAM9708 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3
ATSAM9708
1772D–DRMSD–01/04
Pin Description by Function
Notes:
1. ISA bus group pins are powered by V
CC1 power rail.
2. PC_D pads have 4 mA drive capabilities; other output pads have 16 mA drive capabilities.
3. To interface with PC ISA bus, V
CC1 should be connected to 5V power and PC_D bus should be buffered. Direction is given by
PC_RD signal.
4. Pin Names in this document exhibiting an overbar (PC_CS for example) indicates that the signal is active low.
Table 1. Power Group
Name
Pin Count
Type
Function
GND
19
PWR
Power Ground. All GND pins should be returned to digital ground.
VC3
8
PWR
Core Power, +3.3V nominal (3V to 4.5V). All V
C3 pins should be returned to
+3.3V.
VCC1
5
PWR
Pad (except Memory Pad) Power, +3.0V to +5.5V. All V
CC pins should be
returned to +5V (or 3.3V in case of single 3.3V supply).
VCC2
5
PWR
Memory Pad Power, +3.0V to +5.5V. All V
CC pins should be returned to +5V (for
RAM or DRAM) or 3.3V (for SDRAM or 3.3V ROM).
Table 2. ISA Bus Group
(1)
Name
Pin Count
Type
Function
PC_D[15:0](2, 3)
16
I/O
16-bit data bus to host processor.
Information on these pins is:
- 2 x parallel MIDI (MPU-401 type applications)
- 2 x high-speed burst data transfers to/from external memory
PC_A[2:0]
3
IN
Selects one of 8 internal registers:
0, 1: MPU-401 register processor #1
2, 3: Burst data (16-bit) processor #1
4 - 5: MPU-401 register processor #2
6 - 7: Burst data (16-bit) processor #2
PC_CS(4)
1
IN
Chip select from host, active low.
PC_WR
1
IN
Write from host, active low.
PC_RD
1
IN
Read from host, active low.
PC_READY
1
TSout
Open drain output buffer. Driven low during 16-bit burst mode transfers to
synchronize host to the ATSAM9708 memory.
PC_IO16
1
TSout
Open drain output buffer; driven low during 16-bit burst mode transfers.
Indicates to host that a 16-bit I/O is in progress.
PC_IRQ
1
TSout
Tri-state output pin, active high. Can be connected directly to host PC_IRQ line.


Similar Part No. - STSAM9708

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSA1805 STMICROELECTRONICS-STSA1805 Datasheet
225Kb / 8P
   LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
September 2003
STSA1805-AP STMICROELECTRONICS-STSA1805-AP Datasheet
225Kb / 8P
   LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
September 2003
STSA851 STMICROELECTRONICS-STSA851 Datasheet
226Kb / 8P
   LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STSA851 STMICROELECTRONICS-STSA851 Datasheet
213Kb / 11P
   Low voltage fast-switching NPN power transistor
STSA851-AP STMICROELECTRONICS-STSA851-AP Datasheet
226Kb / 8P
   LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results

Similar Description - STSAM9708

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM2193 ATMEL-ATSAM2193 Datasheet
130Kb / 14P
   Sound Synthesis
ATSAM2553 ATMEL-ATSAM2553 Datasheet
604Kb / 29P
   Sound Synthesis
ATSAM9703 ATMEL-ATSAM9703 Datasheet
126Kb / 16P
   Sound Synthesis
ATSAM9743 ATMEL-ATSAM9743 Datasheet
156Kb / 21P
   Sound Synthesis Single-chip Music System
logo
List of Unclassifed Man...
SAA1099 ETC1-SAA1099 Datasheet
1,014Kb / 15P
   MICROPROCESSOR CONTROLLED STEREO SOUND GENERATOR FOR SOUND EFFECTS AND MUSIC SYNTHESIS
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
   ADPCM Speech Synthesis LSI
ML22Q394 ETC2-ML22Q394 Datasheet
639Kb / 42P
   ADPCM Speech Synthesis LSI
logo
OKI electronic componet...
MSM6585 OKI-MSM6585 Datasheet
275Kb / 16P
   ADPCM Voice Synthesis IC
logo
List of Unclassifed Man...
FEDL22330-02 ETC2-FEDL22330-02 Datasheet
1Mb / 39P
   ADPCM Speech Synthesis LSI
FEDL22Q374-03 ETC2-FEDL22Q374-03 Datasheet
859Kb / 35P
   ADPCM Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com