Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMI4192 Datasheet(PDF) 9 Page - ON Semiconductor

Part # EMI4192
Description  Common Mode Filter with ESD Protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EMI4192 Datasheet(HTML) 9 Page - ON Semiconductor

  EMI4192 Datasheet HTML 1Page - ON Semiconductor EMI4192 Datasheet HTML 2Page - ON Semiconductor EMI4192 Datasheet HTML 3Page - ON Semiconductor EMI4192 Datasheet HTML 4Page - ON Semiconductor EMI4192 Datasheet HTML 5Page - ON Semiconductor EMI4192 Datasheet HTML 6Page - ON Semiconductor EMI4192 Datasheet HTML 7Page - ON Semiconductor EMI4192 Datasheet HTML 8Page - ON Semiconductor EMI4192 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
EMI4192
http://onsemi.com
9
PACKAGE DIMENSIONS
WDFN10 2.5x2, 0.5P
CASE 511BM
ISSUE O
DIM
MIN
MAX
MILLIMETERS
A
A1
0.00
0.05
A3
b
0.15
0.25
D
2.50 BSC
E
2.00 BSC
e
0.50 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSIONS b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.15 AND 0.30 MM FROM TERMINAL TIP.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
0.20 REF
b
L
PIN 1
1
6
5
D
E
B
A
C
0.10
C
0.10
2X
2X
10
e
8X
9X
NOTE 3
A
NOTE 4
C
A1
(A3)
SEATING
PLANE
C
0.05
C
0.05
0.70
0.80
L
0.70
0.90
REFERENCE
TOP VIEW
SIDE VIEW
BOTTOM VIEW
0.30
1.07
2.30
0.50 PITCH
DIMENSIONS: MILLIMETERS
MOUNTING FOOTPRINT
8X
1
RECOMMENDED
DETAIL A
B
A
C
C
M
0.10
M
0.05
0.10
L1
0.05
0.15
DETAIL B
MIN
8X
0.45
PACKAGE
OUTLINE
L1
DETAIL A
L
ALTERNATE TERMINAL
CONSTRUCTIONS
L
DETAIL B
MOLD CMPD
EXPOSED Cu
ALTERNATE
CONSTRUCTIONS
A1
A3
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number of patents, trademarks,
copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC
reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without
limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications
and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC
does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where
personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly,
any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture
of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
EMI4192/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - EMI4192

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMI4192 ONSEMI-EMI4192 Datasheet
1Mb / 9P
   Common Mode Filter with ESD Protection
March, 2012 ??Rev. 1
EMI4192MTTAG ONSEMI-EMI4192MTTAG Datasheet
1Mb / 9P
   Common Mode Filter with ESD Protection
March, 2012 ??Rev. 1
More results

Similar Description - EMI4192

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMI4183MU ONSEMI-EMI4183MU Datasheet
876Kb / 10P
   Common Mode Filter with ESD Protection
July, 2012 ??Rev. P1
EMI4183MUTAG ONSEMI-EMI4183MUTAG Datasheet
875Kb / 10P
   Common Mode Filter with ESD Protection
March, 2013 ??Rev. 0
EMI4182MUTAG ONSEMI-EMI4182MUTAG Datasheet
827Kb / 10P
   Common Mode Filter with ESD Protection
March, 2013 ??Rev. 0
EMI4193 ONSEMI-EMI4193_16 Datasheet
717Kb / 9P
   Common Mode Filter with ESD Protection
March, 2016 ??Rev. 1
EMI4163MU ONSEMI-EMI4163MU Datasheet
880Kb / 11P
   Common Mode Filter with ESD Protection
March, 2013 ??Rev. 0
EMI4183 ONSEMI-EMI4183 Datasheet
874Kb / 10P
   Common Mode Filter with ESD Protection
May, 2011 ??Rev. 0
EMI4172 ONSEMI-EMI4172 Datasheet
776Kb / 10P
   Common Mode Filter with ESD Protection
October, 2012 ??Rev. 0
logo
STMicroelectronics
ECMF02-3F3 STMICROELECTRONICS-ECMF02-3F3 Datasheet
449Kb / 12P
   Common mode filter with ESD protection
December 2013 Rev 3
logo
ON Semiconductor
EMI2180 ONSEMI-EMI2180 Datasheet
219Kb / 7P
   Common Mode Filter with ESD Protection
April, 2014 ??Rev. 2
EMI4192 ONSEMI-EMI4192 Datasheet
1Mb / 9P
   Common Mode Filter with ESD Protection
March, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com