Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9934BDY-T1-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI9934BDY-T1-E3
Description  Dual P-Channel 2.5-V (G-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9934BDY-T1-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI9934BDY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI9934BDY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI9934BDY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI9934BDY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI9934BDY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si9934BDY
Vishay Siliconix
www.vishay.com
2
Document Number: 72525
S-41578—Rev. C, 23-Aug-04
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 mA
−0.6
−1.4
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = −12 V, VGS = 0 V
−1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = −12 V, VGS = 0 V, TJ = 55_C
−5
mA
On-State Drain Currenta
ID(on)
VDS = −5 V, VGS = −4.5 V
−20
A
Drain Source On State Resistancea
rDS( )
VGS = −4.5 V, ID = −6.4 A
0.028
0.035
W
Drain-Source On-State Resistancea
rDS(on)
VGS = −2.5 V, ID = −1.8 A
0.044
0.056
W
Forward Transconductancea
gfs
VDS = −10 V, ID = −6.4 A
17
S
Diode Forward Voltagea
VSD
IS = −1.7 A, VGS = 0 V
−0.8
−1.2
V
Dynamicb
Total Gate Charge
Qg
13
20
Gate-Source Charge
Qgs
VDS = 6 V, VGS = −4.5 V, ID = −6.4 A
2.6
nC
Gate-Drain Charge
Qgd
4.0
Gate Resistance
Rg
9
W
Turn-On Delay Time
td(on)
19
30
Rise Time
tr
VDD = 6 V, RL = 6 W
35
55
Turn-Off Delay Time
td(off)
VDD = 6 V, RL = 6 W
ID ^ −1 A, VGEN = −4.5 V, Rg = 6 W
80
120
ns
Fall Time
tf
50
75
Source-Drain Reverse Recovery Time
trr
IF = −1.7 A, di/dt = 100 A/ms
40
80
Notes
a.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
4
8
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
4
8
12
16
20
0
1234
5
VGS = 5 thru 3 V
TC = 125_C
−55_C
25_C
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
2 V
1.5 V
2.5 V


Similar Part No. - SI9934BDY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9934BDY VISHAY-SI9934BDY Datasheet
210Kb / 4P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 20-Mar-06
SI9934BDY VISHAY-SI9934BDY Datasheet
94Kb / 6P
   Dual P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
SI9934BDY VISHAY-SI9934BDY_06 Datasheet
210Kb / 4P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 20-Mar-06
SI9934BDY VISHAY-SI9934BDY_V01 Datasheet
94Kb / 6P
   Dual P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
More results

Similar Description - SI9934BDY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9933BDY VISHAY-SI9933BDY_V01 Datasheet
102Kb / 6P
   Dual P-Channel 2.5-V (G-S) MOSFET
18-Jul-08
SI6963BDQ VISHAY-SI6963BDQ Datasheet
69Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 15-Mar-04
SI5903DC VISHAY-SI5903DC_08 Datasheet
134Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 05-Aug-02
SI1903DL VISHAY-SI1903DL_08 Datasheet
93Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
S-50694-Rev. C, 18-Apr-05
SI6943BDQ VISHAY-SI6943BDQ_06 Datasheet
211Kb / 4P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 13-Feb-06
SI1903DL VISHAY-SI1903DL_V01 Datasheet
110Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
SI6963BDQ VISHAY-SI6963BDQ_V01 Datasheet
107Kb / 6P
   Dual P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
SI5903DC-T1-E3 VISHAY-SI5903DC-T1-E3 Datasheet
229Kb / 9P
   Dual P-Channel 2.5 V (G-S) MOSFET
Rev. C, 08-Mar-10
SI6963BDQ VISHAY-SI6963BDQ_06 Datasheet
210Kb / 4P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 13-Feb-06
SI6943BDQ VISHAY-SI6943BDQ Datasheet
58Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 07-Oct-02
SI4963BDY VISHAY-SI4963BDY_07 Datasheet
71Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 16-Feb-04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com