Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA13627 Datasheet(PDF) 3 Page - Cree, Inc

Part # CA13627
Description  CA13627
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CA13627 Datasheet(HTML) 3 Page - Cree, Inc

  CA13627 Datasheet HTML 1Page - Cree, Inc CA13627 Datasheet HTML 2Page - Cree, Inc CA13627 Datasheet HTML 3Page - Cree, Inc CA13627 Datasheet HTML 4Page - Cree, Inc CA13627 Datasheet HTML 5Page - Cree, Inc CA13627 Datasheet HTML 6Page - Cree, Inc CA13627 Datasheet HTML 7Page - Cree, Inc CA13627 Datasheet HTML 8Page - Cree, Inc CA13627 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures: class M
According to DIN ISO 2768-2
Form and position: class L
SCALE 10:3 WEIGHT
SHEET
1/1
SIZE
A3
DRAWING TITLE
CA13627_G2-LAURA-M-P
PART NUMBER
CA13627
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
-
INDEX PART NO MATERIAL COLOUR
1
-
PU foam
black
2
C13265
PC
white
3
C12550
PMMA
clear
Front view
21.6
8.6
c/c
2.05
LED position
Tape 0.4mm
Bottom view
Isometric view
Scale:
5:1
Lens
Holder


Similar Part No. - CA13627

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA13627 LEDIL-CA13627 Datasheet
9Mb / 11P
   ~30째 medium beam. Assembly with thinner white holder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com