Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4505DY Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI4505DY
Description  N- and P-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4505DY Datasheet(HTML) 3 Page - Vishay Siliconix

  SI4505DY Datasheet HTML 1Page - Vishay Siliconix SI4505DY Datasheet HTML 2Page - Vishay Siliconix SI4505DY Datasheet HTML 3Page - Vishay Siliconix SI4505DY Datasheet HTML 4Page - Vishay Siliconix SI4505DY Datasheet HTML 5Page - Vishay Siliconix SI4505DY Datasheet HTML 6Page - Vishay Siliconix SI4505DY Datasheet HTML 7Page - Vishay Siliconix SI4505DY Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Si4505DY
Vishay Siliconix
New Product
Document Number: 71826
S-20829—Rev. A, 17-Jun-02
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
N−CHANNEL
0
8
16
24
32
40
0
1234
5
0
8
16
24
32
40
0
2468
10
0
1
2
3
4
5
6
0
3
6
9
12
15
0.6
0.8
1.0
1.2
1.4
1.6
–50
–25
0
25
50
75
100
125
150
0.00
0.01
0.02
0.03
0.04
0.05
0
6
12
18
24
30
0
400
800
1200
1600
2000
0
6
12
18
24
30
Output Characteristics
Transfer Characteristics
Gate Charge
On-Resistance vs. Drain Current
VDS – Drain-to-Source Voltage (V)
VGS = 10 thru 5 V
VGS – Gate-to-Source Voltage (V)
25
_C
TC = –55_C
Qg – Total Gate Charge (nC)
VDS – Drain-to-Source Voltage (V)
Crss
Coss
Ciss
ID – Drain Current (A)
Capacitance
On-Resistance vs. Junction Temperature
TJ – Junction Temperature (_C)
VGS = 10 V
VGS = 4.5 V
4 V
3 V
125
_C
VDS = 15 V
ID = 7.8 A
VGS = 10 V
ID = 7.8 A


Similar Part No. - SI4505DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4505DY VISHAY-SI4505DY Datasheet
279Kb / 12P
   N- and P-Channel MOSFET
Rev. C, 18-May-09
SI4505DY-T1 VISHAY-SI4505DY-T1 Datasheet
279Kb / 12P
   N- and P-Channel MOSFET
Rev. C, 18-May-09
More results

Similar Description - SI4505DY

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KI4505DY KEXIN-KI4505DY Datasheet
57Kb / 2P
   N- and P-Channel MOSFET
KI4503DY KEXIN-KI4503DY Datasheet
57Kb / 2P
   N- and P-Channel MOSFET
logo
Vishay Siliconix
SI4503DY VISHAY-SI4503DY Datasheet
62Kb / 7P
   N- and P-Channel MOSFET
Rev. B, 17-Jun-02
logo
Shanghai Leiditech Elec...
LM6L3PN02 LEIDITECH-LM6L3PN02 Datasheet
2Mb / 6P
   N-Channel and P-Channel MOSFET
LM6T20V3 LEIDITECH-LM6T20V3 Datasheet
1Mb / 6P
   N-Channel and P-Channel MOSFET
logo
Vishay Siliconix
SI4505DY-T1 VISHAY-SI4505DY-T1 Datasheet
279Kb / 12P
   N- and P-Channel MOSFET
Rev. C, 18-May-09
logo
Advanced Linear Devices
ALD1115 ALD-ALD1115 Datasheet
66Kb / 6P
   COMPLEMENTARY N-CHANNEL AND P-CHANNEL MOSFET
logo
International Rectifier
IRF7343PBF IRF-IRF7343PBF_15 Datasheet
225Kb / 10P
   DUAL N AND P CHANNEL MOSFET
logo
Shenzhen Guan Hua Wei Y...
WSF3012 WIINSOK-WSF3012 Datasheet
2Mb / 6P
   N-Ch and P-Channel MOSFET
logo
Vishay Telefunken
SI4501BD TFUNK-SI4501BD Datasheet
279Kb / 15P
   Complementary (N- and P-Channel) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com