Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDMI2C2-14HD Datasheet(PDF) 16 Page - STMicroelectronics

Part # HDMI2C2-14HD
Description  ESD protection and signal booster for HDMI??1.4 sink interface
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDMI2C2-14HD Datasheet(HTML) 16 Page - STMicroelectronics

Back Button HDMI2C2-14HD Datasheet HTML 12Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 13Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 14Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 15Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 16Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 17Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 18Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 19Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Electrical characteristics
HDMI2C2-14HD
16/31
DocID024813 Rev1
Table 5. CEC electrical characteristics(1)
Symbol
Parameter
Test conditions
Min. Typ. Max.
Unit
VTup_CEC
Upward input voltage threshold on bus side
1.6
V
VTdown_CEC Downward input voltage threshold on bus side
0.8
V
VHYST_CEC Input hysteresis on bus side
0.4
V
TRISE_CEC Output rise-time (10% to 90%)
RUP = 14.1 kΩ
(2) ±5%
CCEC CABLE = 9.7 nF
250
µs
TFALL_CEC Output fall-time (90% to 10%)
50
µs
IOFF_CEC
Leakage current in powered-off state
VDD_5V = 0 V, VDD_IC = 0 V,
VDD_CEC = 3.3 V
1.8
µA
VIL_CEC_IC Input low level on IC side
0.5
%VDD_IC
VIH_CEC_IC Input high level on IC side
70
%VDD_IC
RON_CEC
On resistance across CEC and CEC_IC
pins
CEC pin to 0 V
115
160
Ω
CIN_CEC
Input capacitance on CEC link
VDD_5V = 0 V
VDD_CEC = 0 V
VDD_IC = 0 V
VBIAS = 0 V, f = 1 MHz,
VOSC = 30 mV
40(3)
pF
1.
Tamb = 25 °C, VDD_CEC = 3.3 V, VDD_CEC_IC = 1.8 V, unless otherwise specified
2.
Test conditions are compliant with worst case CEC specification:
- Correspond to two 27 k
Ω +5% pull-up resistances in parallel (compliant with HDMI CTS)
- Max capacitance corresponding to 9 equipment chained on the CEC bus
3.
Maximum capacitance allowed at connector output is 200 pF in HDMI 1.4 specification
Table 6. HPD, HEAC, and utility line electrical characteristics(1)
Symbol
Parameter
Test conditions
Value
Unit
Min.
Typ.
Max.
CIN_HPD
CIN_UTILITY
Input capacitance
VDD_5V = 0 V, VBIAS = 0 V
f = 100 kHz, VOSC = 30 mV
9pF
fCUT_HEAC
Cut-off frequency of HEAC bus
500
MHz
1.
Tamb = 25°C, VDD_5V = 5 V, unless otherwise specified.


Similar Part No. - HDMI2C2-14HD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HDMI2C1-14HD STMICROELECTRONICS-HDMI2C1-14HD Datasheet
801Kb / 32P
   HPD pull down and signal conditioning
May 2015 Rev 2
HDMI2C1-14HDS STMICROELECTRONICS-HDMI2C1-14HDS Datasheet
814Kb / 28P
   HPD pull down and signal conditioning
September 2015 Rev 3
HDMI2C1-5DIJ STMICROELECTRONICS-HDMI2C1-5DIJ Datasheet
53Kb / 3P
   ESD protection and signal booster for HDMI??1.3 Tx control links
HDMI2C1-6C1 STMICROELECTRONICS-HDMI2C1-6C1 Datasheet
519Kb / 23P
   ESD protection and signal booster for HDMI source control stage interface
HDMI2C1-6C1 STMICROELECTRONICS-HDMI2C1-6C1 Datasheet
1Mb / 22P
   ESD protection and signal booster for HDMI source control stage interface
Rev 4 - August 2022
More results

Similar Description - HDMI2C2-14HD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HDMI2C1-6C1 STMICROELECTRONICS-HDMI2C1-6C1_V01 Datasheet
1Mb / 22P
   ESD protection and signal booster for HDMI source control stage interface
Rev 4 - August 2022
HDMI2C1-6C1 STMICROELECTRONICS-HDMI2C1-6C1 Datasheet
519Kb / 23P
   ESD protection and signal booster for HDMI source control stage interface
HDMI2C1-5DIJ STMICROELECTRONICS-HDMI2C1-5DIJ Datasheet
53Kb / 3P
   ESD protection and signal booster for HDMI??1.3 Tx control links
logo
Bourns Electronic Solut...
CG0402MLU-05G BOURNS-CG0402MLU-05G Datasheet
782Kb / 1P
   HDMI 1.4 - ESD & Overcurrent Protection
logo
List of Unclassifed Man...
CG0402MLU-05G ETC2-CG0402MLU-05G_12 Datasheet
212Kb / 1P
   HDMI 1.4 - ESD & Overcurrent Protection
logo
Nexperia B.V. All right...
IP4280CZ10 NEXPERIA-IP4280CZ10 Datasheet
178Kb / 9P
   ESD protection for HDMI interface
Rev. 01 - 6 June 2007
logo
NXP Semiconductors
IP4280CZ10 NXP-IP4280CZ10 Datasheet
63Kb / 8P
   ESD protection for HDMI interface
Rev. 01-6 June 2007
logo
Infineon Technologies A...
BGF128 INFINEON-BGF128 Datasheet
558Kb / 6P
   HDMI Interface ESD Protection
V2.1, April 2009
logo
Bourns Electronic Solut...
CG0402MLC BOURNS-CG0402MLC Datasheet
299Kb / 3P
   ChipGuard MLC Series - ESD Protectors Memory protection HDMI 1.4
logo
Texas Instruments
TPD8S009 TI1-TPD8S009_15 Datasheet
1Mb / 19P
[Old version datasheet]   8-Channel ESD Protection for DisplayPort and HDMI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com