Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESDAULC5-1BF4 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDAULC5-1BF4
Description  Low clamping and ultra low capacitance single line bidirectional ESD protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAULC5-1BF4 Datasheet(HTML) 2 Page - STMicroelectronics

  ESDAULC5-1BF4 Datasheet HTML 1Page - STMicroelectronics ESDAULC5-1BF4 Datasheet HTML 2Page - STMicroelectronics ESDAULC5-1BF4 Datasheet HTML 3Page - STMicroelectronics ESDAULC5-1BF4 Datasheet HTML 4Page - STMicroelectronics ESDAULC5-1BF4 Datasheet HTML 5Page - STMicroelectronics ESDAULC5-1BF4 Datasheet HTML 6Page - STMicroelectronics ESDAULC5-1BF4 Datasheet HTML 7Page - STMicroelectronics ESDAULC5-1BF4 Datasheet HTML 8Page - STMicroelectronics ESDAULC5-1BF4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Characteristics
ESDAULC5-1BF4
2/12
DocID025890 Rev 1
1
Characteristics
Figure 2. Electrical characteristics (definitions)
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VPP
(1)
Peak pulse voltage
IEC 61000-4-2 contact discharge
IEC 61000-4-2 air discharge
30
30
kV
PPP
(1)
Peak pulse power (8/20 µs)
140
W
IPP
(1)
Peak pulse current (8/20 µs)
10
A
Tj
Operating junction temperature range
-40 to 150
°C
Tstg
Storage temperature range
-65 to +150
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
1.
For a surge greater than the maximum values, the diode will fail in short-circuit.
Symbol
Parameter
V
=
Breakdown voltage
I
=
Leakage current @ V
V
=
Stand-off voltage
I
=
Peak pulse current
R
BR
RM
RM
RM
PP
V
=
Clamping voltage
CL
d
=
Dynamic resistance
T
=
Voltage temperature
a
C
=
Line capacitance
LINE
V
V
IPP
Slope: 1/Rd
CL
CL
Table 2. Electrical characteristics (values, Tamb = 25 °C)
Symbol
Test conditions
Value
Unit
Min.
Typ.
Max.
VBR
IR = 1 mA
5.8
8.5
V
IRM
VRM = 3 V
70
nA
VCL
8 kV contact discharge after 30 ns, IEC 61000-4-2
13.5
V
CLINE
VLINE= 0 V, F = 1 MHz, VOSC = 30 mV
1.5
3
pF
Rd
Dynamic resistance, pulse duration 100 ns, I/O to GND
0.3


Similar Part No. - ESDAULC5-1BF4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDAULC6-1U2 STMICROELECTRONICS-ESDAULC6-1U2 Datasheet
208Kb / 10P
   Single-line unidirectional ESD protection for high speed interface
June 2012 Rev 1
ESDAULC6-3BF2 STMICROELECTRONICS-ESDAULC6-3BF2 Datasheet
304Kb / 11P
   ESD protection for high speed interface
ESDAULC6-3BP6 STMICROELECTRONICS-ESDAULC6-3BP6 Datasheet
304Kb / 11P
   ESD protection for high speed interface
ESDAULC6-8F3 STMICROELECTRONICS-ESDAULC6-8F3 Datasheet
238Kb / 8P
   8-line ultralarge bandwidth ESD protection
October 2010 Rev 2
More results

Similar Description - ESDAULC5-1BF4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC14-1BF4 STMICROELECTRONICS-ESDALC14-1BF4 Datasheet
327Kb / 12P
   Low clamping and low capacitance bidirectional single line ESD protection
September 2015 Rev 2
ESDALC20-1BF4 STMICROELECTRONICS-ESDALC20-1BF4 Datasheet
236Kb / 10P
   Low clamping, low capacitance bidirectional single line ESD protection
August 2016 Rev 2
ESDZV5-1BF4 STMICROELECTRONICS-ESDZV5-1BF4 Datasheet
700Kb / 9P
   Ultra low clamping single line bidirectional ESD protection
July 2017 Rev 2
ESDAVLC5-1BF4 STMICROELECTRONICS-ESDAVLC5-1BF4 Datasheet
282Kb / 10P
   Low clamping, very low capacitance bidirectional single line ESD protection
ESDV5-1BF4 STMICROELECTRONICS-ESDV5-1BF4 Datasheet
545Kb / 10P
   Low clamping, very low capacitance bidirectional single line ESD protection
November 2016 Rev 1
ESDZV201-1BF4 STMICROELECTRONICS-ESDZV201-1BF4 Datasheet
453Kb / 11P
   20 V low clamping, low capacitance single line bidirectional ESD protection
Rev 2 - June 2022
ESDALC8-1BF4 STMICROELECTRONICS-ESDALC8-1BF4 Datasheet
197Kb / 10P
   Low clamping single line bidirectional ESD protection
April 2014 Rev 1
ESDA5-1BF4 STMICROELECTRONICS-ESDA5-1BF4 Datasheet
213Kb / 10P
   Low clamping single line bidirectional ESD protection
ESDL031-1BF4 STMICROELECTRONICS-ESDL031-1BF4 Datasheet
449Kb / 11P
   3.3 V ultra-low clamping single line bidirectional ESD protection
Rev 1 - September 2019
ESDZL5-1F4 STMICROELECTRONICS-ESDZL5-1F4 Datasheet
445Kb / 9P
   Low clamping, low capacitance unidirectional single line ESD protection
August 2017 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com