Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESDALCL5-1BM2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDALCL5-1BM2
Description  Single-line low capacitance and low leakage current ESD protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALCL5-1BM2 Datasheet(HTML) 4 Page - STMicroelectronics

  ESDALCL5-1BM2 Datasheet HTML 1Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 2Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 3Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 4Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 5Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 6Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 7Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 8Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Characteristics
ESDALCL5-1BM2
4/12
Doc ID 023846 Rev 1
Figure 9.
Clamping voltage versus peak
pulse current (typical values,
exponential waveform, reverse)
Figure 10.
Junction capacitance versus
reverse applied voltage
(typical values, direct)
0.1
1.0
10.0
100.0
6
8
10
12
14
16
I (A)
PP
V (V)
CL
0
10
20
30
40
50
01
23
4
5
C(pF)
V
(V)
LINE
Figure 11.
Junction capacitance versus
reverse applied voltage
(typical values, reverse)
Figure 12.
ESD response to IEC 61000-4-2
(+30 kV contact discharge)
0
10
20
30
40
50
0
1
23
45
C(pF)
V
(V)
LINE
20 V/div
97 V
21 V
25 V
1
2
3
16 V 4
20 ns/div
V : ESD peak voltage
V :clamping voltage at 30 ns
V :clamping voltage at 60 ns
PP
CL
CL
V :clamping voltage at 100 ns
CL
1
2
3
4
Figure 13.
ESD response to IEC 61000-4-2
(-30 kV contact discharge)
Figure 14.
S21 attenuation measurement
result
20 V/div
-18 V
-11 V 4
3
20 ns/div
V : ESD peak voltage
V :clamping voltage @ 30 ns
V :clamping voltage @ 60 ns
PP
CL
CL
V :clamping voltage @ 100 ns
CL
1
2
3
4
-86 V
1
-13 V2
100k
1M
10M
100M
1G
- 40
- 35
- 30
- 25
- 20
- 15
- 10
- 5
0
dB
F(Hz)


Similar Part No. - ESDALCL5-1BM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALCL6-2SC6 STMICROELECTRONICS-ESDALCL6-2SC6 Datasheet
231Kb / 7P
   Very low capacitance and low leakage current ESD protection
October 2012 Rev 1
ESDALCL6-4P6A STMICROELECTRONICS-ESDALCL6-4P6A Datasheet
212Kb / 7P
   Multi-line low capacitance and low leakage current ESD protection
October 2012 Rev 1
More results

Similar Description - ESDALCL5-1BM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALCL6-4P6A STMICROELECTRONICS-ESDALCL6-4P6A Datasheet
212Kb / 7P
   Multi-line low capacitance and low leakage current ESD protection
October 2012 Rev 1
ESDALCL6-2SC6 STMICROELECTRONICS-ESDALCL6-2SC6 Datasheet
231Kb / 7P
   Very low capacitance and low leakage current ESD protection
October 2012 Rev 1
ESDALC14-1BF4 STMICROELECTRONICS-ESDALC14-1BF4 Datasheet
327Kb / 12P
   Low clamping and low capacitance bidirectional single line ESD protection
September 2015 Rev 2
logo
Vishay Siliconix
VBUS051CD-HD1 VISHAY-VBUS051CD-HD1 Datasheet
534Kb / 5P
   Low Capacitance, Single-Line ESD-Protection Diode
Rev. 1.1, 13-Jul-10
VBUS051CD-HD1 VISHAY-VBUS051CD-HD1_V01 Datasheet
117Kb / 6P
   Low Capacitance, Single-Line ESD Protection Diode
01-Jan-2022
VBUS051BD-HD1 VISHAY-VBUS051BD-HD1_V01 Datasheet
154Kb / 6P
   Low Capacitance, Single-Line ESD Protection Diode
01-Jan-2022
VLIN1616-02G VISHAY-VLIN1616-02G Datasheet
113Kb / 6P
   Low Capacitance, Single-Line ESD Protection Diode
Rev. 1.1, 19-Jul-17
VBUS051BD-HD1-GS08 VISHAY-VBUS051BD-HD1-GS08 Datasheet
141Kb / 6P
   Low Capacitance, Single-Line ESD-Protection Diode
Rev. 2.0, 23-May-12
VBUS051BD-HD1 VISHAY-VBUS051BD-HD1 Datasheet
146Kb / 6P
   Low Capacitance, Single-Line ESD-Protection Diode
Rev. 1.2, 16-Apr-08
logo
STMicroelectronics
ESDAULC5-1BF4 STMICROELECTRONICS-ESDAULC5-1BF4 Datasheet
580Kb / 12P
   Low clamping and ultra low capacitance single line bidirectional ESD protection
June 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com