Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP116AIDRVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMP116AIDRVT
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP116AIDRVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP116AIDRVT Datasheet HTML 3Page - Texas Instruments TMP116AIDRVT Datasheet HTML 4Page - Texas Instruments TMP116AIDRVT Datasheet HTML 5Page - Texas Instruments TMP116AIDRVT Datasheet HTML 6Page - Texas Instruments TMP116AIDRVT Datasheet HTML 7Page - Texas Instruments TMP116AIDRVT Datasheet HTML 8Page - Texas Instruments TMP116AIDRVT Datasheet HTML 9Page - Texas Instruments TMP116AIDRVT Datasheet HTML 10Page - Texas Instruments TMP116AIDRVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
Data Distribution (LSB)
0
10
20
30
40
50
60
70
80
-4
-3
-2
-1
0
1
2
3
4
-40 C, St. Dev = 1.12
°
25 C, St. Dev = 1.01
°
125 C, St. Dev = 1.05
°
Data Distribution (LSB)
0
10
20
30
40
50
60
70
80
-4
-3
-2
-1
0
1
2
3
4
Avrg 8, St. Dev = 0.51
Avrg 32, St. Dev = 0.56
Avrg 64, St. Dev = 0.61
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
Data Distribution (LSB)
0
10
20
30
40
50
60
70
80
-4
-3
-2
-1
0
1
2
3
4
V = +1.9 V, St. Dev = 0.91
V = +3.3 V, St. Dev = 1.01
V = +5 V, St. Dev = 0.96
Supply Voltage (V)
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
-40
-30
-20
-10
0
10
20
30
40
50
60
70
1 Shot, No Conv Cycles
8 Averages, Conv Cycle = 1 s
1 Conversion, Conv Cycle = 500 ms
Temperature ( C)
°
-55
-25
5
35
65
95
125
150
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
Average
Avg 3
± σ
116 Max Limit
116 Min Limit
116N Min Limit
116N Max Limit
7
TMP116, TMP116N
www.ti.com
SBOS740 – MAY 2017
Product Folder Links: TMP116 TMP116N
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.7 Typical Characteristics
at TA = 25°C, V+ = 3.3 V, and measurement taken in oil bath (unless otherwise noted)
1-Hz conversion cycle, 8 averages mode
Figure 2. Temperature Error vs Temperature
Figure 3. Temperature Error vs Supply Voltage
Continuous conversion, no conversion cycle in still air
Figure 4. Temperature Error vs Supply Voltage
Figure 5. Data Reading Distribution Over Supply Voltage
(No Averaging)
Figure 6. Data Reading Distribution Over Temperature
(No Averaging)
Figure 7. Data Reading Distribution Over Averaging Number


Similar Part No. - TMP116AIDRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP116 TI1-TMP116 Datasheet
1Mb / 48P
[Old version datasheet]   TMP119 Ultra-High Accuracy, Low-Power, Digital Temperature Sensor With SMBus™- and I2C-Compatible Interface
JANUARY 2024
TMP116N TI1-TMP116N Datasheet
1Mb / 48P
[Old version datasheet]   TMP119 Ultra-High Accuracy, Low-Power, Digital Temperature Sensor With SMBus™- and I2C-Compatible Interface
JANUARY 2024
More results

Similar Description - TMP116AIDRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP117 TI1-TMP117 Datasheet
1Mb / 41P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117 TI1-TMP117_18 Datasheet
1Mb / 45P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117_1903 TI1-TMP117_1903 Datasheet
1Mb / 51P
[Old version datasheet]   high-accuracy, low-power, digital temperature sensor with SMBus- and I2C-compatible interface
TMP117 TI1-TMP117_19 Datasheet
1Mb / 49P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP112 TI-TMP112 Datasheet
539Kb / 24P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_15 Datasheet
988Kb / 35P
[Old version datasheet]   TMP112 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_18 Datasheet
982Kb / 32P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com