Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP116 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TMP116
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP116 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMP116 Datasheet HTML 15Page - Texas Instruments TMP116 Datasheet HTML 16Page - Texas Instruments TMP116 Datasheet HTML 17Page - Texas Instruments TMP116 Datasheet HTML 18Page - Texas Instruments TMP116 Datasheet HTML 19Page - Texas Instruments TMP116 Datasheet HTML 20Page - Texas Instruments TMP116 Datasheet HTML 21Page - Texas Instruments TMP116 Datasheet HTML 22Page - Texas Instruments TMP116 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
19
TMP116, TMP116N
www.ti.com
SBOS740 – MAY 2017
Product Folder Links: TMP116 TMP116N
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Programming (continued)
7.5.3.1.2
Serial Bus Address
To communicate with the TMP116, the master must first address slave devices through an address byte. The
address byte consists of seven address bits and a read-write (R/W) bit indicating the intent of executing a read or
write operation.
The TMP116 features an address pin to allow up to four devices to be addressed on a single bus. Table 2
describes the pin logic levels used to properly connect up to four devices. x represents the read-write (R/W) bit.
Table 2. Address Pin and Slave Addresses
DEVICE TWO-WIRE ADDRESS
ADD0 PIN CONNECTION
1001000x
Ground
1001001x
V+
1001010x
SDA
1001011x
SCL
7.5.3.1.3
Writing and Reading Operation
Accessing a particular register on the TMP116 is accomplished by writing the register address to the pointer
register. The value for the pointer register is the first byte transferred after the slave address byte with the R/W
bit low. Every write operation to the TMP116 requires a value for the pointer register.
When reading from the TMP116, the last value stored in the pointer register by a write operation is used to
determine which register is read by a read operation. To change the register pointer for a read operation, a new
value must be written to the pointer register. This action is accomplished by issuing an address byte with the
R/W bit low, followed by the pointer register byte. No additional data are required. The master can then generate
a START condition and send the slave address byte with the R/W bit high to initiate the read command; see
Figure 28 for details of this sequence. If repeated reads from the same register are desired, continuously sending
the pointer register bytes is not necessary because the TMP116 retains the pointer register value until the value
is changed by the next write operation.
Register bytes are sent with the most significant byte first, followed by the least significant byte.
7.5.3.1.4
Slave Mode Operations
The TMP116 can operate as a slave receiver or slave transmitter. As a slave device, the TMP116 never drives
the SCL line.
7.5.3.1.4.1
Slave Receiver Mode
The first byte transmitted by the master is the slave address with the R/W bit low. The TMP116 then
acknowledges reception of a valid address. The next byte transmitted by the master is the pointer register. The
TMP116 then acknowledges reception of the pointer register byte. The next byte or bytes are written to the
register addressed by the pointer register. The TMP116 acknowledges reception of each data byte. The master
can terminate data transfer by generating a START or STOP condition.
7.5.3.1.4.2
Slave Transmitter Mode
The first byte transmitted by the master is the slave address with the R/W bit high. The slave acknowledges
reception of a valid slave address. The next byte is transmitted by the slave and is the most significant byte of
the register indicated by the pointer register. The master acknowledges reception of the data byte. The next byte
transmitted by the slave is the least significant byte. The master acknowledges reception of the data byte. The
master can terminate data transfer by generating a not-acknowledge on reception of any data byte or by
generating a START or STOP condition.


Similar Part No. - TMP116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP116 TI1-TMP116 Datasheet
1Mb / 48P
[Old version datasheet]   TMP119 Ultra-High Accuracy, Low-Power, Digital Temperature Sensor With SMBus™- and I2C-Compatible Interface
JANUARY 2024
TMP116N TI1-TMP116N Datasheet
1Mb / 48P
[Old version datasheet]   TMP119 Ultra-High Accuracy, Low-Power, Digital Temperature Sensor With SMBus™- and I2C-Compatible Interface
JANUARY 2024
More results

Similar Description - TMP116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP117 TI1-TMP117 Datasheet
1Mb / 41P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117 TI1-TMP117_18 Datasheet
1Mb / 45P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117_1903 TI1-TMP117_1903 Datasheet
1Mb / 51P
[Old version datasheet]   high-accuracy, low-power, digital temperature sensor with SMBus- and I2C-compatible interface
TMP117 TI1-TMP117_19 Datasheet
1Mb / 49P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP112 TI-TMP112 Datasheet
539Kb / 24P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_15 Datasheet
988Kb / 35P
[Old version datasheet]   TMP112 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_18 Datasheet
982Kb / 32P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com