Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP5907A28YKMR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP5907A28YKMR
Description  250-mA Ultra-Low-Noise, Low-IQ LDO
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907A28YKMR Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP5907A28YKMR Datasheet HTML 4Page - Texas Instruments LP5907A28YKMR Datasheet HTML 5Page - Texas Instruments LP5907A28YKMR Datasheet HTML 6Page - Texas Instruments LP5907A28YKMR Datasheet HTML 7Page - Texas Instruments LP5907A28YKMR Datasheet HTML 8Page - Texas Instruments LP5907A28YKMR Datasheet HTML 9Page - Texas Instruments LP5907A28YKMR Datasheet HTML 10Page - Texas Instruments LP5907A28YKMR Datasheet HTML 11Page - Texas Instruments LP5907A28YKMR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
100 s/DIV
VOUT
100 mV/DIV
LOAD
200 mA/DIV
SVA-30180512
10 s/DIV
10 mV/
DIV
1V/DIV
VIN
VOUT
(AC Coupled)
SVA-30180511
10 s/DIV
VOUT
(AC Coupled)
10 mV/
DIV
1V/DIV
VIN
SVA-30180510
2 ms/DIV
VOUT
2V/DIV
2V/DIV
1A/DIV
VIN = VEN
IIN
SVA-30180509
Junction Temperature (qC)
-50
-25
0
25
50
75
100
125
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
D010
3.0
3.5
4.0
4.5
5.0
5.5
2.700
2.725
2.750
2.775
2.800
2.825
2.850
2.875
2.900
VIN(V)
Load = 10 mA
-40°C
90°C
25°C
SVA-30180568
8
LP5907
SNVS798L – APRIL 2012 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: LP5907
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise stated: VIN = 3.7 V, VOUT = 2.8 V, IOUT = 1 mA, CIN = 1 µF, COUT = 1 µF, TA = 25°C
Figure 7. ΔVOUT vs Temperature
Figure 8. Line Regulation
Figure 9. Inrush Current
VIN = 3.2 V ↔ 4.2 V
Load = 1 mA
Figure 10. Line Transient
VIN = 3.2 V ↔ 4.2 V
Load = 250 mA
Figure 11. Line Transient
Load = 0 mA
↔ 250 mA
–40°C
Figure 12. Load Transient


Similar Part No. - LP5907A28YKMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5907A28YKMR TI1-LP5907A28YKMR Datasheet
1Mb / 36P
[Old version datasheet]   250-mA Ultra-Low-Noise, Low-IQ LDO
LP5907A28YKMR TI1-LP5907A28YKMR Datasheet
1Mb / 31P
[Old version datasheet]   250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907A28YKMR TI1-LP5907A28YKMR Datasheet
2Mb / 48P
[Old version datasheet]   250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907A28YKMR TI1-LP5907A28YKMR Datasheet
1Mb / 44P
[Old version datasheet]   LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907A28YKMR TI1-LP5907A28YKMR Datasheet
2Mb / 47P
[Old version datasheet]   LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
More results

Similar Description - LP5907A28YKMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5907_1810 TI1-LP5907_1810 Datasheet
2Mb / 48P
[Old version datasheet]   250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907_017 TI1-LP5907_017 Datasheet
1Mb / 36P
[Old version datasheet]   250-mA Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_18 Datasheet
1Mb / 31P
[Old version datasheet]   250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_V02 Datasheet
2Mb / 47P
[Old version datasheet]   LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907-Q1 TI1-LP5907-Q1_18 Datasheet
1Mb / 29P
[Old version datasheet]   Automotive 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_V01 Datasheet
1Mb / 44P
[Old version datasheet]   LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_V03 Datasheet
2Mb / 47P
[Old version datasheet]   LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI-LP5907_V04 Datasheet
2Mb / 47P
[Old version datasheet]   LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907-Q1 TI1-LP5907-Q1_V01 Datasheet
1Mb / 32P
[Old version datasheet]   LP5907-Q1 Automotive 250-mA, Ultra-Low-Noise, Low-IQ LDO
logo
STMicroelectronics
LDLN025 STMICROELECTRONICS-LDLN025 Datasheet
1Mb / 22P
   250 mA ultra low noise LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com