Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP5907A28YKMR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP5907A28YKMR
Description  250-mA Ultra-Low-Noise, Low-IQ LDO
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907A28YKMR Datasheet(HTML) 4 Page - Texas Instruments

  LP5907A28YKMR Datasheet HTML 1Page - Texas Instruments LP5907A28YKMR Datasheet HTML 2Page - Texas Instruments LP5907A28YKMR Datasheet HTML 3Page - Texas Instruments LP5907A28YKMR Datasheet HTML 4Page - Texas Instruments LP5907A28YKMR Datasheet HTML 5Page - Texas Instruments LP5907A28YKMR Datasheet HTML 6Page - Texas Instruments LP5907A28YKMR Datasheet HTML 7Page - Texas Instruments LP5907A28YKMR Datasheet HTML 8Page - Texas Instruments LP5907A28YKMR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
LP5907
SNVS798L – APRIL 2012 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: LP5907
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the GND pin.
(3)
Abs Max VOUT is the lessor of VIN + 0.3 V, or 6 V.
(4)
Internal thermal shutdown circuitry protects the device from permanent damage.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VIN
Input voltage
–0.3
6
V
VOUT
Output voltage
–0.3
See(3)
VEN
Enable input voltage
–0.3
6
Continuous power dissipation(4)
Internally Limited
W
TJMAX
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the GND pin.
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application (RθJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (RθJA × PD-MAX). See Applications and
Implementation.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VIN
Input supply voltage
2.2
5.5
V
VEN
Enable input voltage
0
5.5
IOUT
Output current
0
250
mA
TJ
Junction temperature
–40
125
°C
TA
Ambient temperature(3)
–40
85
°C


Similar Part No. - LP5907A28YKMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5907A28YKMR TI1-LP5907A28YKMR Datasheet
1Mb / 36P
[Old version datasheet]   250-mA Ultra-Low-Noise, Low-IQ LDO
LP5907A28YKMR TI1-LP5907A28YKMR Datasheet
1Mb / 31P
[Old version datasheet]   250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907A28YKMR TI1-LP5907A28YKMR Datasheet
2Mb / 48P
[Old version datasheet]   250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907A28YKMR TI1-LP5907A28YKMR Datasheet
1Mb / 44P
[Old version datasheet]   LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907A28YKMR TI1-LP5907A28YKMR Datasheet
2Mb / 47P
[Old version datasheet]   LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
More results

Similar Description - LP5907A28YKMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5907_1810 TI1-LP5907_1810 Datasheet
2Mb / 48P
[Old version datasheet]   250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907_017 TI1-LP5907_017 Datasheet
1Mb / 36P
[Old version datasheet]   250-mA Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_18 Datasheet
1Mb / 31P
[Old version datasheet]   250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_V02 Datasheet
2Mb / 47P
[Old version datasheet]   LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907-Q1 TI1-LP5907-Q1_18 Datasheet
1Mb / 29P
[Old version datasheet]   Automotive 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_V01 Datasheet
1Mb / 44P
[Old version datasheet]   LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_V03 Datasheet
2Mb / 47P
[Old version datasheet]   LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI-LP5907_V04 Datasheet
2Mb / 47P
[Old version datasheet]   LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907-Q1 TI1-LP5907-Q1_V01 Datasheet
1Mb / 32P
[Old version datasheet]   LP5907-Q1 Automotive 250-mA, Ultra-Low-Noise, Low-IQ LDO
logo
STMicroelectronics
LDLN025 STMICROELECTRONICS-LDLN025 Datasheet
1Mb / 22P
   250 mA ultra low noise LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com