Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PADS122U04IPWR Datasheet(PDF) 1 Page - Texas Instruments

Part # PADS122U04IPWR
Description  24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PADS122U04IPWR Datasheet(HTML) 1 Page - Texas Instruments

  PADS122U04IPWR Datasheet HTML 1Page - Texas Instruments PADS122U04IPWR Datasheet HTML 2Page - Texas Instruments PADS122U04IPWR Datasheet HTML 3Page - Texas Instruments PADS122U04IPWR Datasheet HTML 4Page - Texas Instruments PADS122U04IPWR Datasheet HTML 5Page - Texas Instruments PADS122U04IPWR Datasheet HTML 6Page - Texas Instruments PADS122U04IPWR Datasheet HTML 7Page - Texas Instruments PADS122U04IPWR Datasheet HTML 8Page - Texas Instruments PADS122U04IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
3.3 V
3.3 V
Thermocouple
0.1 F
3.3 V
0.1 F
Reference Mux
Precision
Temperature
Sensor
AIN0
AIN1
AIN2
AIN3
RX
TX
AVDD
AVSS
GPIO1
GPIO0
ADS122U04
DGND
REFP
REFN
2.048-V
Reference
10 A to
1.5 mA
Mux
DVDD
PGA
24-Bit
û ADC
Digital Filter
and
UART Interface
Low Drift
Oscillator
GPIO2/
RESET
DRDY
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
ADS122U04
SBAS752 – MAY 2017
ADS122U04 24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
1
1 Features
1
Current Consumption as Low as 315 μA (typ)
Wide Supply Range: 2.3 V to 5.5 V
Programmable Gain: 1 to 128
Programmable Data Rates: Up to 2 kSPS
Up to 20-Bits Effective Resolution
Simultaneous 50-Hz and 60-Hz Rejection at
20 SPS with Single-Cycle Settling Digital Filter
Two Differential or Four Single-Ended Inputs
Dual-Matched Programmable Current Sources:
10 μA to 1.5 mA
Internal 2.048-V Reference: 5 ppm/°C (typ) Drift
Internal 2% Accurate Oscillator
Internal Temperature Sensor:
0.5°C (typ) Accuracy
Three General-Purpose Inputs/Outputs
2-Wire UART Compatible Interface (8-N-1 Format)
With Baud Rates up to 120 kBaud and Auto-
Baud-Rate Detection
Package: 3.0-mm × 3.0-mm × 0.75-mm WQFN
2 Applications
Temperature Sensor Measurements:
Thermistors
Thermocouples
Resistance Temperature Detectors (RTDs):
2-, 3-, or 4-Wire Types
Resistive Bridge Sensor Measurements:
Pressure Sensors
Strain Gauges
Weigh Scales
3 Description
The ADS122U04 is a precision, 24-bit, analog-to-
digital converter (ADC) that offers many integrated
features to reduce system cost and component count
in applications measuring small sensor signals. The
device features two differential or four single-ended
inputs through a flexible input multiplexer (MUX), a
low-noise, programmable gain amplifier (PGA), two
programmable excitation current sources, a voltage
reference, an oscillator, and a precision temperature
sensor.
The device can perform conversions at data rates up
to 2000 samples-per-second (SPS) with single-cycle
settling.
At
20
SPS,
the
digital
filter
offers
simultaneous 50-Hz and 60-Hz rejection for noisy
industrial applications. The internal PGA offers gains
up to 128. This PGA makes the ADS122U04 ideally
suited
for
applications
measuring
small
sensor
signals, such as resistance temperature detectors
(RTDs), thermocouples, thermistors, and resistive
bridge sensors.
The ADS122U04 features a 2-wire, UART-compatible
interface.
In
applications
that
require
galvanic
isolation
this
universal
asynchronous
receiver/transmitter (UART) interface minimizes the
number of digital isolation channels, thus saving cost,
board space, and power.
The ADS122U04 is offered in a leadless 16-pin
WQFN or a 16-pin TSSOP package and is specified
over a temperature range of –40°C to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ADS122U04
WQFN (16)
3.00 mm × 3.00 mm
TSSOP (16)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
K-Type Thermocouple Measurement


Similar Part No. - PADS122U04IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PADS122U04IPWR TI1-PADS122U04IPWR Datasheet
1Mb / 63P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
More results

Similar Description - PADS122U04IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS122U04 TI1-ADS122U04 Datasheet
1Mb / 63P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS112U04 TI1-ADS112U04 Datasheet
1Mb / 72P
[Old version datasheet]   16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS122C04 TI1-ADS122C04 Datasheet
1Mb / 64P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
ADS1219 TI1-ADS1219 Datasheet
1Mb / 51P
[Old version datasheet]   4-Channel, 1-kSPS, 24-Bit, Delta-Sigma ADC With I2C Interface
ADS112C04 TI1-ADS112C04 Datasheet
1Mb / 72P
[Old version datasheet]   16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
ADS1119 TI1-ADS1119 Datasheet
1Mb / 51P
[Old version datasheet]   4-Channel, 1-kSPS, 16-Bit, Delta-Sigma ADC With I2C Interface
logo
Analog Devices
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_17 Datasheet
920Kb / 34P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
   24-Bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com