Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PADS122U04IPWR Datasheet(PDF) 9 Page - Texas Instruments

Part # PADS122U04IPWR
Description  24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PADS122U04IPWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button PADS122U04IPWR Datasheet HTML 5Page - Texas Instruments PADS122U04IPWR Datasheet HTML 6Page - Texas Instruments PADS122U04IPWR Datasheet HTML 7Page - Texas Instruments PADS122U04IPWR Datasheet HTML 8Page - Texas Instruments PADS122U04IPWR Datasheet HTML 9Page - Texas Instruments PADS122U04IPWR Datasheet HTML 10Page - Texas Instruments PADS122U04IPWR Datasheet HTML 11Page - Texas Instruments PADS122U04IPWR Datasheet HTML 12Page - Texas Instruments PADS122U04IPWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
Synchronization word
RESET command
RESET
RX
Synchronization word
New command
ttd(RSRX)t
tw(RSL)
RX/TX
VIH
VIL
tr(RX)
ttBAUDt
tf(RX)
ttBAUDt
tJITTER
tJITTER
9
ADS122U04
www.ti.com
SBAS752 – MAY 2017
Product Folder Links: ADS122U04
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
The UART baud rate affects the command latch timing; see the Command Latching section for more details.
(2)
See the Timeout section for more information.
tMOD = 1 / fMOD. Modulator frequency fMOD = 256 kHz (normal mode) and 512 kHz (turbo mode).
7.6 UART Timing Requirements
over operating ambient temperature range and DVDD = 2.3 V to 5.5 V (unless otherwise noted)
MIN
TYP
MAX
UNIT
1/tBAUD
Bus baud rate
2
120
kBaud
tr(RX)
Rise time
10-pF load
15
% of tBAUD
tf(RX)
Fall time
10-pF load
15
% of tBAUD
tJITTER
Edge timing variance
–1%
1%
tw(RSL)
Pulse duration, RESET low
250
ns
td(RSRX)
Delay time, start of communication after RESET rising edge
(or RESET command decoded(1))
TBD
ns
Timeout(2)
Normal mode
32760
tMOD
Turbo mode
65520
(1)
tCLK = 1 / fCLK. Oscillator frequency fCLK = 1.024 MHz (normal mode) and 2.048 MHz (turbo mode).
tMOD = 1 / fMOD. Modulator frequency fMOD = 256 kHz (normal mode) and 512 kHz (turbo mode).
(2)
The UART baud rate affects the command latch timing; see the Command Latching section for more details.
7.7 UART Switching Characteristics
over operating ambient temperature range and DVDD = 2.3 V to 5.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT(1)
tpd(RDDR)
Propagation delay time, RDATA command
decoded to DRDY rising edge(2)
Manual data read mode
TBD
tCLK
tpd(RDTX)
Propagation delay time, RDATA command
decoded to TX falling edge(2)
Manual data read mode
2
tBAUD
tpd(DRTX)
Propagation delay time, DRDY rising edge to
TX falling edge(2)
Automatic data read mode
2
tBAUD
tw(DRH)
Pulse duration, DRDY high
2
tMOD
tw(DRL)
Pulse duration, DRDY low
Automatic data read mode
4
tCLK
tp(RREG)
Propagation delay time, RREG command
decoded to TX falling edge(2)
2
tBAUD
tp(GPIO)
Propagation delay time, WREG command
decoded to GPIOx output valid(2)
TBD
TBD
ns
Figure 1. UART Timing Requirements
Figure 2. RESET Pin and RESET Command Timing Requirements


Similar Part No. - PADS122U04IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PADS122U04IPWR TI1-PADS122U04IPWR Datasheet
1Mb / 63P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
More results

Similar Description - PADS122U04IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS122U04 TI1-ADS122U04 Datasheet
1Mb / 63P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS112U04 TI1-ADS112U04 Datasheet
1Mb / 72P
[Old version datasheet]   16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS122C04 TI1-ADS122C04 Datasheet
1Mb / 64P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
ADS1219 TI1-ADS1219 Datasheet
1Mb / 51P
[Old version datasheet]   4-Channel, 1-kSPS, 24-Bit, Delta-Sigma ADC With I2C Interface
ADS112C04 TI1-ADS112C04 Datasheet
1Mb / 72P
[Old version datasheet]   16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
ADS1119 TI1-ADS1119 Datasheet
1Mb / 51P
[Old version datasheet]   4-Channel, 1-kSPS, 16-Bit, Delta-Sigma ADC With I2C Interface
logo
Analog Devices
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_17 Datasheet
920Kb / 34P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
   24-Bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com