Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMT11 Datasheet(PDF) 2 Page - CUI INC

Part # AMT11
Description  patented capacitive ASIC technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT11 Datasheet(HTML) 2 Page - CUI INC

  AMT11 Datasheet HTML 1Page - CUI INC AMT11 Datasheet HTML 2Page - CUI INC AMT11 Datasheet HTML 3Page - CUI INC AMT11 Datasheet HTML 4Page - CUI INC AMT11 Datasheet HTML 5Page - CUI INC AMT11 Datasheet HTML 6Page - CUI INC AMT11 Datasheet HTML 7Page - CUI INC AMT11 Datasheet HTML 8Page - CUI INC AMT11 Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
cui.com
date 10/13/2015
│ page 2 of 9
CUI Inc
│ SERIES: AMT11 │ DESCRIPTION: MODULAR INCREMENTAL ENCODER
WAVEFORMS
Z
A
B
I
P
T
S S S S
Quadrature signals with index showing
counter-clockwise rotation
Figure 1
MECHANICAL
parameter
conditions/description
min
typ
max
units
motor shaft length
9
mm
weight
weight varies by configuration
15.7
g
axial play
±0.3
mm
rotational speed (at each
resolution)
48, 96, 100, 125, 192, 200, 250, 256, 384, 400,
500, 512, 800, 1000, 1024, 2048
8000
RPM
768, 1600, 2000, 4096
4000
RPM
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature1
-40
105
°C
humidity
non-condensing
85
%
vibration
10~500 Hz, 5 minute sweep, 2 hours on each XYZ
5
G
shock
3 pulses, 6 ms, 3 on each XYZ
200
G
RoHS
2011/65/EU
Note:
1. Encoders with operating temperature of -40~125°C are available as a custom order
SERIAL INTERFACE
parameter
conditions/description
min
typ
max
units
protocol
serial UART
controller
driven by onboard Microchip PIC18F25K80. See
Microchip documentation for additional details.
data rate
8 data bits, no parity, 1 stop bit, least significant
bit first
115200
baud
Parameter
Description
Expression
Units
T
period
360/R
mechanical degrees
P
pulse width
T/2
mechanical degrees
I
index width
P/2
mechanical degrees
S
A/B state width
P/2
mechanical degrees
The following parameters are defined by the resolution selected for each
encoder, where R = resolution.
For more information, please visit the product page.


Similar Part No. - AMT11

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT11 CUI-AMT11 Datasheet
733Kb / 9P
   MODULAR INCREMENTAL ENCODER
09/10/2021
logo
CUI Devices
AMT11 CUID-AMT11 Datasheet
647Kb / 9P
   MODULAR INCREMENTAL ENCODER
08/05/2022
logo
CUI INC
AMT112-0048-2000-S CUI-AMT112-0048-2000-S Datasheet
733Kb / 9P
   MODULAR INCREMENTAL ENCODER
09/10/2021
AMT112-0048-2000-X CUI-AMT112-0048-2000-X Datasheet
733Kb / 9P
   MODULAR INCREMENTAL ENCODER
09/10/2021
AMT112-0048-3000-S CUI-AMT112-0048-3000-S Datasheet
733Kb / 9P
   MODULAR INCREMENTAL ENCODER
09/10/2021
More results

Similar Description - AMT11

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT20 CUI-AMT20 Datasheet
943Kb / 10P
   patented capacitive ASIC technology
logo
Shanghai Leiditech Elec...
TSP10U60S LEIDITECH-TSP10U60S Datasheet
576Kb / 4P
   Patented Trench Schottky technology
logo
Active-Semi, Inc
ACT413 ACTIVE-SEMI-ACT413 Datasheet
301Kb / 16P
   Patented Primary Side Regulation Technology
Rev 2, 27-Feb-14
logo
List of Unclassifed Man...
5STP33L2800 ETC-5STP33L2800 Datasheet
394Kb / 6P
   Patented free-floating silicon technology
logo
DIYI Electronic Technol...
SL1545 DYELEC-SL1545 Datasheet
2Mb / 2P
   Patented Super Barrier Rectifier Technology
logo
Active-Semi, Inc
ACT412 ACTIVE-SEMI-ACT412 Datasheet
320Kb / 17P
   Patented Primary Side Regulation Technology
Rev 1, 30-Oct-13
ACT411 ACTIVE-SEMI-ACT411_14 Datasheet
301Kb / 16P
   Patented Primary Side Regulation Technology
Rev 4, 27-Feb-14
logo
Xilinx, Inc
XC2S15 XILINX-XC2S15_1 Datasheet
1,015Kb / 99P
   Second generation ASIC replacement technology
XC2S50E XILINX-XC2S50E Datasheet
113Kb / 4P
   Second generation ASIC replacement technology
XC2S50E XILINX-XC2S50E_08 Datasheet
4Mb / 108P
   Second generation ASIC replacement technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com