Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF5400 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # UF5400
Description  3.0 AMP HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

UF5400 Datasheet(HTML) 1 Page - Nanjing International Group Co

  UF5400 Datasheet HTML 1Page - Nanjing International Group Co UF5400 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
100
5
00
1000
UF5400
UF5408
THRU
3.0AMPHIGH EFFICIENCY RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating25Cambienttemperatureuniessotherwiesspecified.
Singlephasehalfwave,60Hz,resistiveorinductiveload.
Forcapacitiveload,deratecurrentby20%.
TYPENUMBER
MaximumRecurrentPeakReverseVoltage
MaximumRMSVoltage
MaximumDCBlockingVoltage
MaximumAverageForwardRectifiedCurrent
.375"(9.5mm)LeadLengthatTa=50C
FEATURES
MECHANICAL DATA
PeakForwardSurgeCurrent,8.3mssinglehalfsine-wave
superimposedonratedload(JEDECmethod)
MaximumInstantaneousForwardVoltageat3.0A
MaximumDCReverseCurrent
Ta=25C
atRatedDCBlockingVoltage
Ta=100C
MaximumReverseRecoveryTime(Note1)
TypicalJunctionCapacitance(Note2)
OperatingandStorageTemperatureRangeTj,TSTG
3.0
1.0
1.3
1.70
200
50
75
75
-65
+150
V
A
A
V
µA
µA
nS
pF
C
NOTES:
1.ReverseRecoveryTimetestcondition:IF=0.5A,IR=1.0A,IRR=0.25A
2.Measuredat1MHzand appliedreversevoltageof4.0VD.C.
*Lowforwardvoltagedrop
*Highcurrentcapability
*Highreliability
*Highsurgecurrentcapability
*Case:Moldedplastic
*Epoxy:UL94V-0 rateflameretardant
*Lead:Axialleads,solderableperMIL-STD-202,
method208guranteed
*Polarity:Colorbanddenotescathodeend
*Mounting position:Any
Weight:1.10grams
*
VOLTAGE RANGE
50 to 1000Volts
CURRENT
3.0Amperes
V
V
*Highspeedswitching
DO-27
Dimensionsininchesand(millimeters)
0.945(24.0)
MIN.
0.945(24.0)
MIN.
.375(9.5)
.285(7.2)
.052(1.3)
.043(1.1)
DIA.
.220(5.6)
.197(5.0)
DIA.
*BothnormalandPbfreeproductareavailable:
*Normal:80~95%Sn,5~20%Pb
*Pbfree:99SnabovecanmeetRohsenviromentsubstance
directive request
UF5402 UF5404 UF5406 UF5407 UF5408 UNITS
200
400
600
8
200
400
600
800
1000
140
280
420
560
700
UF5400
UF5401
50
100
35
70
50
100


Similar Part No. - UF5400

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
UF5400 JGD-UF5400 Datasheet
159Kb / 2P
   3.0 AMP. ULTRA FAST RECTIFIERS
logo
Vishay Siliconix
UF5400 VISHAY-UF5400 Datasheet
79Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
01-Jan-2022
logo
Yea Shin Technology Co....
UF5400 YEASHIN-UF5400 Datasheet
98Kb / 3P
   Ultrafast Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
logo
GOOD-ARK Electronics
UF5400 GOOD-ARK-UF5400 Datasheet
156Kb / 2P
   Glass Passivated High Efficient Rectifiers 1000 Volts Forward Current 3.0 Amperes
logo
DONGGUAN YOU FENG WEI E...
UF5400 YFWDIODE-UF5400 Datasheet
818Kb / 2P
   3.0Amp High Efficiency Rectifiers
More results

Similar Description - UF5400

ManufacturerPart #DatasheetDescription
logo
Shenzhen Yixinwei Techn...
HER301 YIXIN-HER301 Datasheet
255Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
US3G-2C3A-2CDO-214AB DGNJDZ-US3G-2C3A-2CDO-214AB Datasheet
106Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
US3K-2C3A-2CDO-214AA DGNJDZ-US3K-2C3A-2CDO-214AA Datasheet
154Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
HER302G-2C3A-2CDO-27 DGNJDZ-HER302G-2C3A-2CDO-27 Datasheet
201Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
HER303-2C3A-2CDO-27 DGNJDZ-HER303-2C3A-2CDO-27 Datasheet
176Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
HER306-2C3A-2CDO-27 DGNJDZ-HER306-2C3A-2CDO-27 Datasheet
176Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
HER306G-2C3A-2CDO-27 DGNJDZ-HER306G-2C3A-2CDO-27 Datasheet
201Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
HER307-2C3A-2CDO-27 DGNJDZ-HER307-2C3A-2CDO-27 Datasheet
176Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
UF3002-2C3A-2CDO-27 DGNJDZ-UF3002-2C3A-2CDO-27 Datasheet
237Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
UF3007-2C3A-2CDO-27 DGNJDZ-UF3007-2C3A-2CDO-27 Datasheet
237Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
UF3001 DGNJDZ-UF3001 Datasheet
204Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com