Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VBM-100-36 Datasheet(PDF) 1 Page - CUI INC

Part # VBM-100-36
Description  baseplate cooling
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VBM-100-36 Datasheet(HTML) 1 Page - CUI INC

  VBM-100-36 Datasheet HTML 1Page - CUI INC VBM-100-36 Datasheet HTML 2Page - CUI INC VBM-100-36 Datasheet HTML 3Page - CUI INC VBM-100-36 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
cui.com
date
07/17/2013
page
1 of 4
SERIES:
VBM-100 │ DESCRIPTION: AC-DC POWER SUPPLY
date
07/17/2013
page
1 of 4
FEATURES
• up to 100 W isolated output
• baseplate cooling
• active PFC meets EN61000-3-2 Class D
• 17mm ultra low profile encapsulated packaging
• universal input (90~264 Vac)
• no load power consumption < 0.5 W
• single output from 12~48 Vdc
• 4,242 Vdc isolation
• wide operating temperature range (-20°C~85°C)
• over temperature, over voltage, and short circuit protections
• high efficiency up to 92%
RoHS
PART NUMBER KEY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
VBM-100-12
12
8.4
100
120
90
VBM-100-24
24
4.2
100
240
91
VBM-100-28
28
3.6
100
280
91
VBM-100-36
36
2.8
100
360
91
VBM-100-48
48
2.1
100
480
92
Notes:
1. ripple and noise are measured at 20 MHz BW with 10μF electrolytic capacitor and 0.1μF ceramic capacitor across output
VBM-100 - XX - X
Output Voltage
Base Number
Heatsink
"blank" = No
H = Yes
For more information, please visit the product page.


Similar Part No. - VBM-100-36

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBM-100-36 CUI-VBM-100-36 Datasheet
203Kb / 4P
   AC-DC POWER SUPPLY
VBM-100-36 CUI-VBM-100-36 Datasheet
205Kb / 4P
   AC-DC POWER SUPPLY
VBM-100-36 CUI-VBM-100-36 Datasheet
541Kb / 4P
   AC-DC POWER SUPPLY
03/10/2022
VBM-100-36-H CUI-VBM-100-36-H Datasheet
203Kb / 4P
   AC-DC POWER SUPPLY
More results

Similar Description - VBM-100-36

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
MCC400-600 XPPOWER-MCC400-600 Datasheet
347Kb / 2P
   Baseplatecooled
ECC XPPOWER-ECC Datasheet
318Kb / 2P
   100 W - Baseplate Cooled
ECC100 XPPOWER-ECC100 Datasheet
2Mb / 15P
   100 W - Baseplate Cooled
logo
Artesyn Technologies
AXA ARTESYN-AXA Datasheet
415Kb / 2P
   Metal case with isolated baseplate
logo
SparkFun Electronics
PRT-15008 SPARKFUN-PRT-15008 Datasheet
101Kb / 2P
   Raspberry Pi 3 B Baseplate
10-29-18
logo
Emerson Network Power
AIH EMERSON-NETWORKPOWER-AIH Datasheet
139Kb / 2P
   250W Continuous power at 100째C baseplate temperature
logo
Total Power Internation...
MJWI10 TOTAL-POWER-MJWI10 Datasheet
491Kb / 5P
   Shielded Metal Case with Isolated Baseplate
logo
Recom International Pow...
RPR30-11005S-B RECOM-RPR30-11005S-B Datasheet
587Kb / 6P
   30 Watt 4:1 Baseplate Style Single Output
logo
SynQor Worldwide Headqu...
PQ60033QTB35NKS SYNQOR-PQ60033QTB35NKS Datasheet
237Kb / 2P
   High Efficiency, Isolated DC/DC Converter, with Baseplate
logo
Emerson Network Power
AIF25R48 EMERSON-NETWORKPOWER-AIF25R48 Datasheet
109Kb / 2P
   700W Continuous power at 100째C baseplate temperature
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com