Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UJ2-AH-SMT Datasheet(PDF) 1 Page - CUI INC

Part # UJ2-AH-SMT
Description  horizontal orientation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

UJ2-AH-SMT Datasheet(HTML) 1 Page - CUI INC

  UJ2-AH-SMT Datasheet HTML 1Page - CUI INC UJ2-AH-SMT Datasheet HTML 2Page - CUI INC UJ2-AH-SMT Datasheet HTML 3Page - CUI INC UJ2-AH-SMT Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 08/05/2016
page 1 of 4
cui.com
SERIES: UJ2-AH-SMT
│ DESCRIPTION: USB JACK
FEATURES
• USB type A jack
• horizontal orientation
• surface mount
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
30
Vac
rated input current
1.0
A
contact resistance1
between terminals and mating plug
20
mΩ
insulation resistance
1000
MΩ
voltage withstand
for 1 minute
500
Vac
insertion force
35
N
withdrawal force
10
N
operating temperature
-40
105
°C
life
1,500
cycles
flammability rating
UL94V-0
RoHS
2011/65/EU
Note:
1. When measured at 20 mV / 100 mA.
2. All specifications measured at 15~35°C, humidity at 25~85%, under atmospheric pressure of 86~106 kPa, unless otherwise noted.
PART NUMBER KEY
Base Number
Contact Plating
Thickness (gold):
1 = 3 µ”
4 = 30 µ”
UJ2-AH - X - SMT - TR
Packaging Style:
SMT = surface mount
Packaging Options:
TR = Tape & Reel
For more information, please visit the product page.


Similar Part No. - UJ2-AH-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
UJ2-AH-SMT CUI-UJ2-AH-SMT Datasheet
357Kb / 4P
   USB RECEPTACLE
04/07/2022
UJ2-AH-SMT CUI-UJ2-AH-SMT_V01 Datasheet
357Kb / 4P
   USB RECEPTACLE
04/07/2022
More results

Similar Description - UJ2-AH-SMT

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2450AT45A100 JOHANSON-2450AT45A100_09 Datasheet
1Mb / 9P
   2.45 GHz Antenna (Horizontal Orientation)
logo
CUI INC
PJ-051B CUI-PJ-051B Datasheet
295Kb / 3P
   right-angle orientation
logo
Vishay Siliconix
DG3015DB VISHAY-DG3015DB Datasheet
12Kb / 1P
   Device Orientation-MICRO FOOT Packages
04-Jun-04
logo
MEMSIC Semiconductor (T...
MXC6855XU MEMSIC-MXC6855XU Datasheet
338Kb / 12P
   Digital Thermal Orientation Sensing Accelerometer
Version A
logo
AVAGO TECHNOLOGIES LIMI...
ACSL-7210 AVAGO-ACSL-7210 Datasheet
250Kb / 8P
   Dual-Channel (Opposite direction orientation)
logo
MEMSIC Semiconductor (T...
MXC6255XU MEMSIC-MXC6255XU Datasheet
367Kb / 13P
   Digital Thermal Orientation Sensing Accelerometer
Version B
logo
Maxim Integrated Produc...
MAX20328AEVKIT MAXIM-MAX20328AEVKIT Datasheet
829Kb / 8P
   Automatic MIC/GND Orientation Detection
Rev 1; 1/20
logo
Freescale Semiconductor...
MMA7660FC FREESCALE-MMA7660FC_12 Datasheet
599Kb / 35P
   3-Axis Orientation/Motion Detection Sensor
logo
Vishay Siliconix
DG3514DB VISHAY-DG3514DB Datasheet
19Kb / 1P
   Device Orientation Options for Analog ICs
05-Apr-05
logo
Freescale Semiconductor...
MMA7660FC FREESCALE-MMA7660FC Datasheet
803Kb / 34P
   3-Axis Orientation/Motion Detection Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com