Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA254 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RA254
Description  Silicon Rectifier Button-Cells
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RA254 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RA254 Datasheet HTML 1Page - List of Unclassifed Manufacturers RA254 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
71
01.01.99
Diotec
RA 2505 … RA 2510
Peak forward surge current, single half sine-wave,
T = 25°C
I
500 A
A
FSM
superimposed on rated load
Stoßstrom für eine 50 Hz Sinus-Halbwelle,
überlagert bei Nennlast
Operating junction temperature – Sperrschichttemperatur
T
– 50…+150°C
j
Storage temperature – Lagerungstemperatur
T
– 50…+175°C
S
Characteristics
Kennwerte
Forward voltage – Durchlaßspannung
T = 25°C
I = 25 A
V
< 0.95 V
j
F
F
Leakage current – Sperrstrom
T = 25°C
V = V
I
< 10 µA
j
R
RRM
R


Similar Part No. - RA254

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RA254 MCC-RA254 Datasheet
99Kb / 2P
   25.0 Amp High Current Plastic Silicon Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
RA254 DIOTEC-RA254 Datasheet
156Kb / 2P
   Silicon-Rectifiers - Button Diodes
logo
Micro Commercial Compon...
RA254 MCC-RA254 Datasheet
109Kb / 3P
   25 Amp Standard Rectifier 50 to 1000 Volts
logo
SHENZHEN YONGERJIA INDU...
RA254 WINNERJOIN-RA254 Datasheet
147Kb / 2P
   AUTOMOTIVE RECTIFIER
logo
Diotec Semiconductor
RA254 DIOTEC-RA254 Datasheet
231Kb / 2P
   Silicon-Rectifiers
More results

Similar Description - RA254

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
30H3A2H WINGS-30H3A2H Datasheet
35Kb / 1P
   Ni-Mn BUTTON CELLS
60H3A2H WINGS-60H3A2H Datasheet
104Kb / 1P
   Ni-Mn BUTTON CELLS
60K3A2H WINGS-60K3A2H Datasheet
115Kb / 1P
   Ni-Cd BUTTON CELLS
30H2A2HD WINGS-30H2A2HD Datasheet
111Kb / 1P
   Ni-Mn BUTTON CELLS
logo
Diotec Semiconductor
AG3A DIOTEC-AG3A_07 Datasheet
93Kb / 1P
   Silicon Rectifier Cells with Polysiloxane Cover
AG12A DIOTEC-AG12A_07 Datasheet
94Kb / 1P
   Silicon Rectifier Cells with Polysiloxane Cover
AG3A DIOTEC-AG3A Datasheet
102Kb / 1P
   Silicon Rectifier Cells with polysiloxan passivation
logo
Semikron International
AG3A SEMIKRON-AG3A Datasheet
82Kb / 2P
   Silicon Rectifier Cells with polysiloxan passivation
logo
Diotec Semiconductor
AG12A DIOTEC-AG12A Datasheet
103Kb / 1P
   Silicon Rectifier Cells with polysiloxan passivation
logo
Semikron International
AG6A SEMIKRON-AG6A Datasheet
82Kb / 2P
   Silicon Rectifier Cells with polysiloxan passivation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com