Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJ2-35326D-SMT-TR Datasheet(PDF) 4 Page - CUI INC

Part # SJ2-35326D-SMT-TR
Description  mid mount SMT for low profile designs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SJ2-35326D-SMT-TR Datasheet(HTML) 4 Page - CUI INC

  SJ2-35326D-SMT-TR Datasheet HTML 1Page - CUI INC SJ2-35326D-SMT-TR Datasheet HTML 2Page - CUI INC SJ2-35326D-SMT-TR Datasheet HTML 3Page - CUI INC SJ2-35326D-SMT-TR Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CUI Inc
│ MODEL: SJ2-35326D-SMT-TR │ DESCRIPTION: AUDIO JACK
date 12/12/2016
│ page 4 of 4
CUI offers a one (1) year limited warranty. Complete warranty information is listed on our website.
CUI reserves the right to make changes to the product at any time without notice. Information provided by CUI is believed to be accurate and reliable. However, no responsibility is
assumed by CUI for its use, nor for any infringements of patents or other rights of third parties which may result from its use.
CUI products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. A critical component is any component of a
life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Headquarters
20050 SW 112th Ave.
Tualatin, OR 97062
800.275.4899
Fax 503.612.2383
cui.com
techsupport@cui.com
rev.
description
date
1.0
initial release
12/12/2016
The revision history provided is for informational purposes only and is believed to be accurate.
REVISION HISTORY
For more information, please visit the product page.


Similar Part No. - SJ2-35326D-SMT-TR

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ2-35344B-SMT-TR CUI-SJ2-35344B-SMT-TR Datasheet
458Kb / 4P
   brass bushing
SJ2-3534A-SMT-TR CUI-SJ2-3534A-SMT-TR Datasheet
416Kb / 4P
   mid mount SMT for low profile designs
SJ2-35355A-SMT-TR CUI-SJ2-35355A-SMT-TR Datasheet
479Kb / 4P
   mid mount SMT for low profile designs
SJ2-35364B-SMT-TR CUI-SJ2-35364B-SMT-TR Datasheet
484Kb / 4P
   tip switch
More results

Similar Description - SJ2-35326D-SMT-TR

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ2-35564A-SMT-TR CUI-SJ2-35564A-SMT-TR Datasheet
421Kb / 4P
   mid mount SMT for low profile designs
SJ2-2577X-SMT CUI-SJ2-2577X-SMT Datasheet
613Kb / 4P
   mid mount SMT for low profile designs
SJ2-35654A-SMT-TR CUI-SJ2-35654A-SMT-TR Datasheet
461Kb / 4P
   mid mount SMT for low profile designs
SJ2-35355A-SMT-TR CUI-SJ2-35355A-SMT-TR Datasheet
479Kb / 4P
   mid mount SMT for low profile designs
SJ2-3534A-SMT-TR CUI-SJ2-3534A-SMT-TR Datasheet
416Kb / 4P
   mid mount SMT for low profile designs
SJ-3502-SMT CUI-SJ-3502-SMT Datasheet
185Kb / 3P
   mid mount for low profile applications
logo
Kycon, Inc.
GMJXHT KYCON-GMJXHT Datasheet
950Kb / 1P
   Low Profile Mid Mount Modular Jack
KUSBX-MM KYCON-KUSBX-MM Datasheet
608Kb / 1P
   USB C Type Mid Mount SMT Contacts
logo
M/A-COM Technology Solu...
AN3003 MA-COM-AN3003 Datasheet
54Kb / 3P
   Integrating SMT Synthesizer Solutions into Wireless Designs
logo
Global Connector Techno...
USB4520 GCT-USB4520 Datasheet
168Kb / 2P
   USB Type C Receptacle for USB 2.0, SMT Type, Mid Mount, 2.1mm Offset
1st July 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com