Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1073502 Datasheet(PDF) 3 Page - SICK AG

Part # 1073502
Description  MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1073502 Datasheet(HTML) 3 Page - SICK AG

  1073502 Datasheet HTML 1Page - SICK AG 1073502 Datasheet HTML 2Page - SICK AG 1073502 Datasheet HTML 3Page - SICK AG 1073502 Datasheet HTML 4Page - SICK AG 1073502 Datasheet HTML 5Page - SICK AG 1073502 Datasheet HTML 6Page - SICK AG 1073502 Datasheet HTML 7Page - SICK AG 1073502 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EFM50-0KF0A023A | EFS/EFM50
MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL®
Electrical data
Supply voltage range
7 V ... 12 V
Warm-up time voltage ramp
Max. 180 ms 1)
Operating current
Max. 150 mA 2)
Operating power consumption (no load)
≤ 150 mA
Output frequency for the digital positionval-
ue
0 kHz ... 75 kHz
1) Duration of the voltage ramp between 0 and 7.0 V, see diagram “Current consumption” in the diagram section.
2) Current rating applies when using interface circuit suggestions as shown in HIPERFACE DSL ® manual (8017595).
Mechanical data
Shaft version
Tapered shaft
Flange type/stator coupling
Stator coupling
Dimensions
See dimensional drawing
Weight
0.2 kg
Moment of inertia of the rotor
10 gcm²
Operating speed
≤ 9,000 
min⁻¹
Angular acceleration
≤ 200,000 rad/s²
Start up torque
≤ 0.4 Ncm
Permissible shaft movement, radial static,
dynamic
± 0.2 mm, 0.1 mm
Permissible shaft movement, axial static,
dynamic
± 0.95 mm, ± 0 mm
Permissible radial shaft movement
± 0.2 mm 1)
Permissible axial shaft movement
± 0.95 mm
Life of ball bearings
See diagram 3
Connection type
Connector, 4-pin
1) Permitted when using the elastomer stator coupling. When the spring plate stator coupling is being used, voltage-free mounting is assumed.
Ambient data
Operating temperature range
–30 °C ... +120 °C 1)
Storage temperature range
–40 °C ... +120 °C, without package
Relative humidity/condensation
90 %, Condensation not permitted
Resistance to shocks
100 g, 6 ms, 6 ms (according to EN 60068-2-27)
Frequency range of resistance to vibrations 20 g, 10 Hz ... 2,000 Hz (according to EN 60068-2-6)
EMC
According to EN 61000-6-2, EN 61000-6-3 and IEC61326-3-1 2)
Enclosure rating
IP40, with mating connector inserted and closed cover (acc. to EN 60529-1)
1) The max. internal sensor temperature may not exceed 125 °C. The defined measuring point on the encoder (see dimensional drawing) must be used for measuring
the operating temperature. For typical values for self-heating, see diagram 3 (electrical) and diagram 4 (mechanical).
2) EMC according to the listed standards is guaranteed if the motor feedback system with mating plug inserted is connected to the central grounding point of the motor
controller via a cable shield. If other screening concepts are used, users must perform their own tests.
Classifications
ECl@ss 5.0
27270590
ECl@ss 5.1.4
27270590
2017-06-07 19:23:08 | Online data sheet
Subject to change without notice
MOTOR FEEDBACK SYSTEMS | SICK
3


Similar Part No. - 1073502

ManufacturerPart #DatasheetDescription
logo
SICK AG
1073501 SICK-1073501 Datasheet
1Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
More results

Similar Description - 1073502

ManufacturerPart #DatasheetDescription
logo
SICK AG
EKM36-2KF0A020A SICK-EKM36-2KF0A020A Datasheet
937Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EFS50-0KF0A023A SICK-EFS50-0KF0A023A Datasheet
1Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EFS50-0KF0A021A SICK-EFS50-0KF0A021A Datasheet
1Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EES37-0KF0A015A SICK-EES37-0KF0A015A Datasheet
691Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKM36-0KF0A018A SICK-EKM36-0KF0A018A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKM36-0JF0A020A SICK-EKM36-0JF0A020A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKS36-0KF0A018A SICK-EKS36-0KF0A018A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EEM37-0KF0A0S02 SICK-EEM37-0KF0A0S02 Datasheet
692Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EES37-2KF0A017A SICK-EES37-2KF0A017A Datasheet
795Kb / 9P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EEM37-0KF0A0S03 SICK-EEM37-0KF0A0S03 Datasheet
692Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com