Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1073485 Datasheet(PDF) 6 Page - SICK AG

Part # 1073485
Description  MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1073485 Datasheet(HTML) 6 Page - SICK AG

  1073485 Datasheet HTML 1Page - SICK AG 1073485 Datasheet HTML 2Page - SICK AG 1073485 Datasheet HTML 3Page - SICK AG 1073485 Datasheet HTML 4Page - SICK AG 1073485 Datasheet HTML 5Page - SICK AG 1073485 Datasheet HTML 6Page - SICK AG 1073485 Datasheet HTML 7Page - SICK AG 1073485 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
EFS50-0KF0A021A | EFS/EFM50
MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL®
Power consumption
500
400
300
200
100
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Time after switch-on (µs)
Diagram 2
Typ. current consumption (A)
4.0
7 V
8 V
12 V
This diagram shows the switch-on current
Mechanical self-heating
0
0
3
6
9
12
15
18
21
Speed (rpm)
24
3,000
6,000
9,000
12,000
Typ. mechanical self-heating, kelvin (K)
Diagram 4
Mechanical self-heating
6
MOTOR FEEDBACK SYSTEMS | SICK
Online data sheet | 2017-06-07 19:23:08
Subject to change without notice


Similar Part No. - 1073485

ManufacturerPart #DatasheetDescription
logo
SICK AG
1073487 SICK-1073487 Datasheet
1Mb / 9P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
More results

Similar Description - 1073485

ManufacturerPart #DatasheetDescription
logo
SICK AG
EKM36-2KF0A020A SICK-EKM36-2KF0A020A Datasheet
937Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EFS50-0KF0A023A SICK-EFS50-0KF0A023A Datasheet
1Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EFM50-0KF0A023A SICK-EFM50-0KF0A023A Datasheet
1Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EES37-0KF0A015A SICK-EES37-0KF0A015A Datasheet
691Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKM36-0KF0A018A SICK-EKM36-0KF0A018A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKM36-0JF0A020A SICK-EKM36-0JF0A020A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKS36-0KF0A018A SICK-EKS36-0KF0A018A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EEM37-0KF0A0S02 SICK-EEM37-0KF0A0S02 Datasheet
692Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EES37-2KF0A017A SICK-EES37-2KF0A017A Datasheet
795Kb / 9P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EEM37-0KF0A0S03 SICK-EEM37-0KF0A0S03 Datasheet
692Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com