Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1073487 Datasheet(PDF) 2 Page - SICK AG

Part # 1073487
Description  MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1073487 Datasheet(HTML) 2 Page - SICK AG

  1073487 Datasheet HTML 1Page - SICK AG 1073487 Datasheet HTML 2Page - SICK AG 1073487 Datasheet HTML 3Page - SICK AG 1073487 Datasheet HTML 4Page - SICK AG 1073487 Datasheet HTML 5Page - SICK AG 1073487 Datasheet HTML 6Page - SICK AG 1073487 Datasheet HTML 7Page - SICK AG 1073487 Datasheet HTML 8Page - SICK AG 1073487 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
EFS50-2KF0A021A | EFS/EFM50
MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL®
Illustration may differ
Ordering information
Type
Part no.
EFS50-2KF0A021A
1073487
Other models and accessories
www.sick.com/EFS_EFM50
Detailed technical data
Safety-related parameters
Safety integrity level
SIL2 (IEC 61508), SILCL2 (EN 62061) 1)
Category
20 years
Systematic suitability
SC 3 (IEC61508)
Test rate
1 h
Maximum demand rate
216 µs
Performance level
PL d (EN ISO 13849)
Safety related resolution
Channel 1 = 23 bit, channel 2 = 12 bit
PFHD: Probability of dangerous failure per
hour
3,8 x 10^-8
Safety-related accuracy
± 0.09°
1) For more detailed information on the exact configuration of your machine/unit, please consult your relevant SICK branch office.
Performance
Resolution per revolution
21 bit 1 bit
Number of the absolute ascertainable revo-
lutions
1
Measuring step per revolution
2,097,152
Signal noise (σ)
± 2
Error limits positional values integral non-
linearity in angular seconds
± 45 1)
Error limits positional values differential
non-linearity in angular seconds
± 7 1)
System accuracy
± 52
Max. speed when switching on and reset-
tingthe motor feedback system
≤ 6,000 
min⁻¹
Available memory area
8,192 Byte
1) See diagrams regarding the error limits.
2
MOTOR FEEDBACK SYSTEMS | SICK
Online data sheet | 2017-06-07 19:23:08
Subject to change without notice


Similar Part No. - 1073487

ManufacturerPart #DatasheetDescription
logo
SICK AG
1073485 SICK-1073485 Datasheet
1Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
More results

Similar Description - 1073487

ManufacturerPart #DatasheetDescription
logo
SICK AG
EKM36-2KF0A020A SICK-EKM36-2KF0A020A Datasheet
937Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EFS50-0KF0A023A SICK-EFS50-0KF0A023A Datasheet
1Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EFM50-0KF0A023A SICK-EFM50-0KF0A023A Datasheet
1Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EFS50-0KF0A021A SICK-EFS50-0KF0A021A Datasheet
1Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EES37-0KF0A015A SICK-EES37-0KF0A015A Datasheet
691Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKM36-0KF0A018A SICK-EKM36-0KF0A018A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKM36-0JF0A020A SICK-EKM36-0JF0A020A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKS36-0KF0A018A SICK-EKS36-0KF0A018A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EEM37-0KF0A0S02 SICK-EEM37-0KF0A0S02 Datasheet
692Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EES37-2KF0A017A SICK-EES37-2KF0A017A Datasheet
795Kb / 9P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EEM37-0KF0A0S03 SICK-EEM37-0KF0A0S03 Datasheet
692Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com