Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKS36-0JF0A020A Datasheet(PDF) 3 Page - SICK AG

Part # EKS36-0JF0A020A
Description  MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

EKS36-0JF0A020A Datasheet(HTML) 3 Page - SICK AG

  EKS36-0JF0A020A Datasheet HTML 1Page - SICK AG EKS36-0JF0A020A Datasheet HTML 2Page - SICK AG EKS36-0JF0A020A Datasheet HTML 3Page - SICK AG EKS36-0JF0A020A Datasheet HTML 4Page - SICK AG EKS36-0JF0A020A Datasheet HTML 5Page - SICK AG EKS36-0JF0A020A Datasheet HTML 6Page - SICK AG EKS36-0JF0A020A Datasheet HTML 7Page - SICK AG EKS36-0JF0A020A Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EKS36-0JF0A020A | EKS/EKM36
MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL®
Output frequency for the digital positionval-
ue
0 kHz ... 75 kHz
1) Duration of voltage ramp between 0 and 7.0 V.
2) Current rating applies when using interface circuit suggestions as shown in HIPERFACE DSL ® manual (8017595).
Mechanical data
Shaft version
Tapered shaft
Flange type/stator coupling
Stator coupling
Dimensions
See dimensional drawing
Weight
0.1 kg
Moment of inertia of the rotor
4.5 gcm²
Operating speed
12,000 U/min
Operating torque
0.2 Ncm
Start up torque
0.3 Ncm
Permissible shaft movement, radial static,
dynamic
± 0.1 mm, ± 0.05 mm
Permissible shaft movement, axial static,
dynamic
± 0.1 mm
Life of ball bearings
3.6 x 10^9 revolutions
Connection type
Connector, 4-pin
Ambient data
Operating temperature range
–20 °C ... +115 °C 1)
Storage temperature range
–40 °C ... +125 °C
Resistance to shocks
100 g, 6 ms (according to EN 60068-2-27)
Frequency range of resistance to vibrations 50 g, 10 Hz ... 2,000 Hz (EN 60068-2-6)
EMC
According to EN 61000-6-2, EN 61000-6-4 and IEC 61326-3 2)
Enclosure rating
IP50, with mating connector inserted and closed cover (acc. to EN 60529-1) 3)
1) Given typical thermal connection between motor flange and encoder stator coupling. The max. internal sensor temperature may not exceed 125 °C.
2) The EMC according to the standards quoted is achieved when the motor feedback system is mounted in an electrically conductive housing, which is connected to
the central earthing point of the motor controller via a cable screen. The GND (0V) connection of the supply voltage is also grounded here. If other screening concepts
are used, users must perform their own tests.
3) With mating connector inserted and closed cover.
Classifications
ECl@ss 5.0
27270590
ECl@ss 5.1.4
27270590
ECl@ss 6.0
27270590
ECl@ss 6.2
27270590
ECl@ss 7.0
27270590
ECl@ss 8.0
27270590
ECl@ss 8.1
27270590
ECl@ss 9.0
27270590
ETIM 5.0
EC001486
ETIM 6.0
EC001486
UNSPSC 16.0901
41112113
2017-06-06 20:53:05 | Online data sheet
Subject to change without notice
MOTOR FEEDBACK SYSTEMS | SICK
3


Similar Part No. - EKS36-0JF0A020A

ManufacturerPart #DatasheetDescription
logo
SICK AG
EKS36-0JF0A018A SICK-EKS36-0JF0A018A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
More results

Similar Description - EKS36-0JF0A020A

ManufacturerPart #DatasheetDescription
logo
SICK AG
EKM36-2KF0A020A SICK-EKM36-2KF0A020A Datasheet
937Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EFS50-0KF0A023A SICK-EFS50-0KF0A023A Datasheet
1Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EFM50-0KF0A023A SICK-EFM50-0KF0A023A Datasheet
1Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EFS50-0KF0A021A SICK-EFS50-0KF0A021A Datasheet
1Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EES37-0KF0A015A SICK-EES37-0KF0A015A Datasheet
691Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKM36-0KF0A018A SICK-EKM36-0KF0A018A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKM36-0JF0A020A SICK-EKM36-0JF0A020A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKS36-0KF0A018A SICK-EKS36-0KF0A018A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EEM37-0KF0A0S02 SICK-EEM37-0KF0A0S02 Datasheet
692Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EES37-2KF0A017A SICK-EES37-2KF0A017A Datasheet
795Kb / 9P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EEM37-0KF0A0S03 SICK-EEM37-0KF0A0S03 Datasheet
692Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com