Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6511 Datasheet(PDF) 3 Page - Texas Instruments

Part # PT6511
Description  8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6511 Datasheet(HTML) 3 Page - Texas Instruments

  PT6511 Datasheet HTML 1Page - Texas Instruments PT6511 Datasheet HTML 2Page - Texas Instruments PT6511 Datasheet HTML 3Page - Texas Instruments PT6511 Datasheet HTML 4Page - Texas Instruments PT6511 Datasheet HTML 5Page - Texas Instruments PT6511 Datasheet HTML 6Page - Texas Instruments PT6511 Datasheet HTML 7Page - Texas Instruments PT6511 Datasheet HTML 8Page - Texas Instruments PT6511 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
For technical support or further information, visit http://power.ti.com
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the Converter.
Typical Characteristics
PT6510 Series
8-A 5-V/3.3-V Input Adjustable ISR
with Short-Circuit protection
Characteristic Data; Vin =5 V (See Note A)
Characteristic Data; Vin =3.3 V (See Note A)
Efficiency vs Output Current
Efficiency vs Output Current
Power Dissipation vs Output Current
Power Dissipation Output Current
Output Ripple vs Output Current
Output Ripple vs Output Current
SLTS220 FEBRUARY 2004
50
60
70
80
90
100
02
468
IOUT - (A)
3.6 V
3.3 V
2.5 V
1.8 V
1.5 V
1.2 V
VOUT
0
10
20
30
40
02468
IOUT - (A)
1.8 V
2.5 V
3.3 V
1.5 V
3.6 V
1.2 V
VOUT
0
1
2
3
4
02
46
8
IOUT - (A)
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
3.6 V
VOUT
50
60
70
80
90
100
02
468
IOUT - (A)
2.5 V
1.8 V
1.5 V
1.2 V
VOUT
0
10
20
30
40
02468
IOUT - (A)
1.8 V
1.5 V
1.2 V
2.5 V
VOUT
0
1
2
3
4
02
46
8
IOUT- (A)
1.2 V
1.5 V
1.8 V
2.5 V
VOUT


Similar Part No. - PT6511

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6511 TI1-PT6511 Datasheet
227Kb / 11P
[Old version datasheet]   8-A Rated Output Current
logo
List of Unclassifed Man...
PT65112L254 ETC2-PT65112L254 Datasheet
211Kb / 3P
   Rotary code switches
logo
Texas Instruments
PT6511A TI1-PT6511A Datasheet
227Kb / 11P
[Old version datasheet]   8-A Rated Output Current
PT6511B TI1-PT6511B Datasheet
227Kb / 11P
[Old version datasheet]   8-A Rated Output Current
PT6511CT TI1-PT6511CT Datasheet
227Kb / 11P
[Old version datasheet]   8-A Rated Output Current
More results

Similar Description - PT6511

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT652X TI-PT652X Datasheet
193Kb / 8P
[Old version datasheet]   8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
PT6520 TI-PT6520 Datasheet
222Kb / 12P
[Old version datasheet]   8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
PT6500 TI-PT6500 Datasheet
291Kb / 7P
[Old version datasheet]   8 AMP ADJUSTABLE ISR WITH SHORT-CIRCUIT PROTECTION
PTH04070W TI-PTH04070W_07 Datasheet
436Kb / 16P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W_15 Datasheet
380Kb / 17P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W Datasheet
402Kb / 15P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PT5406 TI-PT5406 Datasheet
315Kb / 16P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable SWIFT Power Module
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com