Electronic Components Datasheet Search |
|
RZC1-04ZRS-KP0 Datasheet(PDF) 4 Page - SICK AG |
|
RZC1-04ZRS-KP0 Datasheet(HTML) 4 Page - SICK AG |
4 / 6 page A B C D E F H I J K L M N O P Q R S T RZC1-04ZRS-KP0 | RZC1 SENSORS FOR C-SLOT CYLINDERS Recommended accessories Other models and accessories www.sick.com/RZC1 Brief description Type Part no. Brackets for cylinder sensors 1 piece, Mounting bracket on round body cylinder with piston diameter of 12 mm, ambi- ent temperature min 0 °C max 50 °C, Plastic, Aluminum BEF-KHZ-RC-12 2077673 1 piece, Mounting bracket on round body cylinder with piston diameter of 16 mm, ambi- ent temperature min 0 °C max 50 °C, Plastic, Aluminum BEF-KHZ-RC-16 2077672 1 piece, Mounting bracket on round body cylinder with piston diameter of 20 mm, ambi- ent temperature min 0 °C max 50 °C, Plastic, Aluminum BEF-KHZ-RC-20 2077671 1 piece, Mounting bracket on round body cylinder with piston diameter of 25 mm, ambi- ent temperature min 0 °C max 50 °C, Plastic, Aluminum BEF-KHZ-RC-25 2077670 1 piece, Mounting bracket on round body cylinder with piston diameter of 32 mm, ambi- ent temperature min 0 °C max 50 °C, Plastic, Aluminum BEF-KHZ-RC-32 2077669 1 piece, Mounting bracket on round body cylinder with piston diameter of 40 mm, ambi- ent temperature min 0 °C max 50 °C, Plastic, Aluminum BEF-KHZ-RC-40 2077668 1 piece, Mounting bracket on round body cylinder with piston diameter of 50 mm, ambi- ent temperature min 0 °C max 50 °C, Plastic, Aluminum BEF-KHZ-RC-50 2077667 1 piece, Mounting bracket on round body cylinder with piston diameter of 63 mm, ambi- ent temperature min 0 °C max 50 °C, Plastic, Aluminum BEF-KHZ-RC-63 2077666 1 piece, Mounting bracket on round body cylinder with piston diameter of 1 mm ... 130 mm, ambient temperature min –30 °C max 80 °C, Stainless steel, Aluminum BEF-KHZ-RC1-130 2077686 1 piece, Mounting bracket on round body cylinder with piston diameter of 1 mm ... 25 mm, ambient temperature min –30 °C max 80 °C, Stainless steel, Aluminum BEF-KHZ-RC1-25 2077685 Mounting bracket for mounting on SMC rails CDQ2 (C-slot), Aluminum BEF-KHZ-TC2 2046442 Mounting bracket for mounting on SMC rails ECDQ2 (C-slot), Aluminum, without mount- ing hardware BEF-KHZ-TC1 2046441 Plug connectors and cables Head A: female connector, M8, 3-pin, straight Head B: cable Cable: PVC, unshielded, 2 m DOL-0803-G02M 6010785 Head A: female connector, M8, 3-pin, straight Head B: cable Cable: PVC, unshielded, 5 m DOL-0803-G05M 6022009 Head A: female connector, M8, 3-pin, angled Head B: cable Cable: PVC, unshielded, 2 m DOL-0803-W02M 6008489 Head A: female connector, M8, 3-pin, angled Head B: cable Cable: drag chain use, PUR, halogen-free, unshielded, 2 m DOL-0803-W02MC 6025891 Head A: female connector, M8, 3-pin, angled Head B: cable Cable: PVC, unshielded, 5 m DOL-0803-W05M 6022010 Head A: female connector, M8, 3-pin, angled Head B: cable Cable: drag chain use, PUR, halogen-free, unshielded, 5 m DOL-0803-W05MC 6025892 4 MAGNETIC CYLINDER SENSORS | SICK Online data sheet | 2017-05-04 16:20:10 Subject to change without notice |
Similar Part No. - RZC1-04ZRS-KP0 |
|
Similar Description - RZC1-04ZRS-KP0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |