Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM2020-00TR Datasheet(PDF) 3 Page - ON Semiconductor

Part # CM2020-00TR
Description  HDMI Transmitter Port Protection and Interface Device
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM2020-00TR Datasheet(HTML) 3 Page - ON Semiconductor

  CM2020-00TR Datasheet HTML 1Page - ON Semiconductor CM2020-00TR Datasheet HTML 2Page - ON Semiconductor CM2020-00TR Datasheet HTML 3Page - ON Semiconductor CM2020-00TR Datasheet HTML 4Page - ON Semiconductor CM2020-00TR Datasheet HTML 5Page - ON Semiconductor CM2020-00TR Datasheet HTML 6Page - ON Semiconductor CM2020-00TR Datasheet HTML 7Page - ON Semiconductor CM2020-00TR Datasheet HTML 8Page - ON Semiconductor CM2020-00TR Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CM2020−00TR
http://onsemi.com
3
Table 1. PIN DESCRIPTIONS
Pins
Name
ESD Level
Description
4, 35
TMDS_D2+
8 kV (Note 3)
TMDS 0.9 pF ESD Protection (Note 1)
6, 33
TMDS_D2−
8 kV (Note 3)
TMDS 0.9 pF ESD Protection (Note 1)
7, 32
TMDS_D1+
8 kV (Note 3)
TMDS 0.9 pF ESD Protection (Note 1)
9, 30
TMDS_D1−
8 kV (Note 3)
TMDS 0.9 pF ESD Protection (Note 1)
10, 29
TMDS_D0+
8 kV (Note 3)
TMDS 0.9 pF ESD Protection (Note 1)
12, 27
TMDS_D0−
8 kV (Note 3)
TMDS 0.9 pF ESD Protection (Note 1)
13, 26
TMDS_CK+
8 kV (Note 3)
TMDS 0.9 pF ESD Protection (Note 1)
15, 24
TMDS_CK−
8 kV (Note 3)
TMDS 0.9 pF ESD Protection (Note 1)
16
CE_REMOTE_IN
2 kV (Note 4)
LV_SUPPLY Referenced Logic Level into ASIC
23
CE_REMOTE_OUT
8 kV(Note 3)
5V_SUPPLY Referenced Logic Level Out plus 3.5 pF ESD to Connector
17
DDC_CLK_IN
2 kV (Note 4)
LV_SUPPLY Referenced Logic Level into ASIC
22
DDC_CLK_OUT
8 kV (Note 3)
5V_SUPPLY Referenced Logic Level Out plus 3.5 pF ESD to Connector
18
DDC_DAT_IN
2 kV (Note 4)
LV_SUPPLY Referenced Logic Level into ASIC
21
DDC_DAT_OUT
8 kV (Note 3)
5V_SUPPLY Referenced Logic Level Out plus 3.5 pF ESD to Connector
19
HOTPLUG_DET_IN
2 kV (Note 4)
LV_SUPPLY Referenced Logic Level into ASIC
20
HOTPLUG_DET_OUT 8 kV (Note 3)
5V_SUPPLY Referenced Logic Level Out plus 3.5 pF ESD (Note 2) to Connector
2
LV_SUPPLY
2 kV (Note 4)
Bias for CE / DDC / HOTPLUG Level Shifters
1
5V_SUPPLY
2 kV (Note 4)
Current Source for 5V_OUT
38
5V_OUT
8 kV (Note 3)
55 mA Minimum Overcurrent Protected 5 V Output. This Output Must be
Bypassed with a 0.1 mF Ceramic Capacitor.
37
ESD_BYP
2 kV (Note 4)
This Pin must be Connected to a 0.1 mF Ceramic Capacitor
3, 36
GND
N/A
Supply GND Reference
5, 34, 8,
31, 11, 28,
14, 25
TMDS_GND
N/A
TMDS ESD and Parasitic GND Return (Note 5)
1. These 2 pins need to be connected together in−line on the PCB.
2. This output can be connected to an external 0.1 mF ceramic capacitor, resulting in an increased ESD withstand voltage rating.
3. Standard IEC 61000−4−2, CDISCHARGE = 150 pF, RDISCHARGE = 330 W, 5V_SUPPLY and LV_SUPPLY within recommended operating
conditions, GND = 0 V and ESD_BYP (pin 37), 5V_OUT (pin 38), and HOTPLUG_DET_OUT (pin 20) each bypassed with a 0.1 mF ceramic
capacitor connected to GND.
4. Human Body Model per MIL−STD−883, Method 3015, CDISCHARGE = 100 pF, RDISCHARGE = 1.5 kW, 5V_SUPPLY and LV_SUPPLY within
recommended operating conditions, GND = 0 V and ESD_BYP (pin 37), 5V_OUT (pin 38), and HOTPLUG_DET_OUT (pin 20) each
bypassed with a 0.1 mF ceramic capacitor connected to GND.
5. These pins should be routed directly to the associated GND pins on the HDMI connector with single point ground vias at the connector.


Similar Part No. - CM2020-00TR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2020-00TR CALMIRCO-CM2020-00TR Datasheet
271Kb / 8P
   HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
ON Semiconductor
CM2020-00TR ONSEMI-CM2020-00TR Datasheet
390Kb / 13P
   HDMI Transmitter Port Protection and Interface Device
May 2010 ??Rev. 4
More results

Similar Description - CM2020-00TR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2020 CALMIRCO-CM2020 Datasheet
271Kb / 8P
   HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
ON Semiconductor
CM2020-01TR ONSEMI-CM2020-01TR Datasheet
384Kb / 12P
   HDMI Transmitter Port Protection and Interface Device
May 2010 ??Rev. 4
logo
Unisonic Technologies
PPHDMI2020 UTC-PPHDMI2020 Datasheet
252Kb / 6P
   HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
California Micro Device...
CM2030 CALMIRCO-CM2030 Datasheet
585Kb / 14P
   HDMI Transmitter Port Protection and Interface Device
logo
ON Semiconductor
CM2020-00TR ONSEMI-CM2020-00TR Datasheet
390Kb / 13P
   HDMI Transmitter Port Protection and Interface Device
May 2010 ??Rev. 4
CM2020-01TR ONSEMI-CM2020-01TR_11 Datasheet
310Kb / 9P
   HDMI Transmitter Port Protection and Interface Device
April, 2011 ??Rev. 5
logo
Texas Instruments
TPD12S521 TI-TPD12S521_09 Datasheet
679Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI1-TPD12S521_16 Datasheet
1Mb / 19P
[Old version datasheet]   Single-Chip HDMI Transmitter Port Protection and Interface Device
TPD12S521 TI-TPD12S521_08 Datasheet
670Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI-TPD12S521 Datasheet
621Kb / 8P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com