Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8440ASTT3G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV8440ASTT3G
Description  Protected Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8440ASTT3G Datasheet(HTML) 2 Page - ON Semiconductor

  NCV8440ASTT3G Datasheet HTML 1Page - ON Semiconductor NCV8440ASTT3G Datasheet HTML 2Page - ON Semiconductor NCV8440ASTT3G Datasheet HTML 3Page - ON Semiconductor NCV8440ASTT3G Datasheet HTML 4Page - ON Semiconductor NCV8440ASTT3G Datasheet HTML 5Page - ON Semiconductor NCV8440ASTT3G Datasheet HTML 6Page - ON Semiconductor NCV8440ASTT3G Datasheet HTML 7Page - ON Semiconductor NCV8440ASTT3G Datasheet HTML 8Page - ON Semiconductor NCV8440ASTT3G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NCV8440, NCV8440A
www.onsemi.com
2
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage Internally Clamped
VDSS
52−59
V
Gate−to−Source Voltage − Continuous
VGS
±15
V
Drain Current
− Continuous @ TA = 25°C
− Single Pulse (tp = 10 ms) (Note 1)
ID
IDM
2.6
10
A
Total Power Dissipation @ TA = 25°C (Note 1)
PD
1.69
W
Operating and Storage Temperature Range
TJ, Tstg
−55 to 150
°C
Single Pulse Drain−to−Source Avalanche Energy
(VDD = 50 V, ID(pk) = 1.17 A, VGS = 10 V, L = 160 mH, RG = 25 W)
EAS
110
mJ
Load Dump Voltage (VGS = 0 and 10 V, RI = 2.0 W, RL = 9.0 W, td = 400 ms)
VLD
60
V
Thermal Resistance,
Junction−to−Ambient (Note 1)
Junction−to−Ambient (Note 2)
RqJA
RqJA
74
169
°C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8
″ from Case for 10 Seconds
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. When surface mounted to a FR4 board using 1
″ pad size, (Cu area 1.127 in2).
2. When surface mounted to a FR4 board using minimum recommended pad size, (Cu area 0.412 in2).
DRAIN
SOURCE
GATE
VDS
VGS
ID
IG
+
+
Figure 1. Voltage and Current Convention


Similar Part No. - NCV8440ASTT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8440ASTT3G ONSEMI-NCV8440ASTT3G Datasheet
126Kb / 9P
   Protected Power MOSFET 2.6 A, 52 V, N?묬hannel, Logic Level, Clamped MOSFET w/ ESD Protection
November, 2011 ??Rev. 6
More results

Similar Description - NCV8440ASTT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8440CWP ONSEMI-NCV8440CWP Datasheet
62Kb / 2P
   Protected Power MOSFET
November, 2011 ??Rev. 2
NIC9N05TS1 ONSEMI-NIC9N05TS1 Datasheet
121Kb / 4P
   Protected Power MOSFET
September, 2008 ??Rev. 0
NIF9N05CL ONSEMI-NIF9N05CL_06 Datasheet
72Kb / 6P
   Protected Power MOSFET
May, 2006 ??Rev. 5
NIF9N05CL ONSEMI-NIF9N05CL Datasheet
66Kb / 6P
   PROTECTED POWER MOSFET
July, 2004 ??Rev. 3
NIC9N05TS1 ONSEMI-NIC9N05TS1_V01 Datasheet
88Kb / 3P
   Protected Power MOSFET
November, 2011 - Rev. 1
logo
International Rectifier
IPS031R IRF-IPS031R Datasheet
157Kb / 11P
   FULLY PROTECTED POWER MOSFET SWITCH
IPS031 IRF-IPS031 Datasheet
135Kb / 11P
   FULLY PROTECTED POWER MOSFET SWITCH
IRSF3011LTR IRF-IRSF3011LTR Datasheet
293Kb / 13P
   FULLY PROTECTED POWER MOSFET SWITCH
IPS0551T IRF-IPS0551T Datasheet
106Kb / 10P
   FULLY PROTECTED POWER MOSFET SWITCH
IPS021 IRF-IPS021 Datasheet
142Kb / 11P
   FULLY PROTECTED POWER MOSFET SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com