Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8440A Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV8440A
Description  Protected Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8440A Datasheet(HTML) 5 Page - ON Semiconductor

  NCV8440A Datasheet HTML 1Page - ON Semiconductor NCV8440A Datasheet HTML 2Page - ON Semiconductor NCV8440A Datasheet HTML 3Page - ON Semiconductor NCV8440A Datasheet HTML 4Page - ON Semiconductor NCV8440A Datasheet HTML 5Page - ON Semiconductor NCV8440A Datasheet HTML 6Page - ON Semiconductor NCV8440A Datasheet HTML 7Page - ON Semiconductor NCV8440A Datasheet HTML 8Page - ON Semiconductor NCV8440A Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NCV8440, NCV8440A
www.onsemi.com
5
TYPICAL PERFORMANCE CURVES
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
TJ = 25°C
TJ = −40°C
2.4 V
3.4 V
3.6 V
3.8 V
VDS ≥ 10 V
VGS = 10 V
TJ = 150°C
2.6 V
2.8 V
3 V
3.2 V
TJ = 25°C
VGS, GATE−TO−SOURCE VOLTAGE (V)
ID, DRAIN CURRENT (A)
−40
°C
25
°C
150
°C
−40
°C, VGS = 5 V
−40
°C, VGS = 10 V
25
°C, VGS = 5 V
25
°C, VGS = 10 V
150
°C, VGS = 5 V
50
100
150
200
250
300
350
34
56
789
10
50
100
150
200
250
300
135
7
9
150
°C, VGS = 10 V
ID = 2 A
0
2
4
6
8
10
0123
45
4 V
5 V
0
2
4
6
8
10
1
1.5
2
2.5
3
4
3.5
246
8
10
Figure 1. Single Pulse Maximum Switch−off
Current vs. Load Inductance
L, LOAD INDUCTANCE (mH)
100
10
1
0.1
1
10
150
°C
100
°C
25
°C
Figure 2. Single Pulse Maximum Switching
Energy vs. Load Inductance
L, LOAD INDUCTANCE (mH)
100
10
1
0.1
10
100
150
°C
100
°C
25
°C
Figure 3. On−State Output Characteristics
Figure 4. Transfer Characteristics
Figure 5. RDS(on) vs. Gate−Source Voltage
Figure 6. RDS(on) vs. Drain Current


Similar Part No. - NCV8440A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8440ACWP ONSEMI-NCV8440ACWP Datasheet
62Kb / 2P
   Protected Power MOSFET
November, 2011 ??Rev. 2
NCV8440ASTT1G ONSEMI-NCV8440ASTT1G Datasheet
126Kb / 9P
   Protected Power MOSFET 2.6 A, 52 V, N?묬hannel, Logic Level, Clamped MOSFET w/ ESD Protection
November, 2011 ??Rev. 6
NCV8440ASTT3G ONSEMI-NCV8440ASTT3G Datasheet
126Kb / 9P
   Protected Power MOSFET 2.6 A, 52 V, N?묬hannel, Logic Level, Clamped MOSFET w/ ESD Protection
November, 2011 ??Rev. 6
More results

Similar Description - NCV8440A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8440CWP ONSEMI-NCV8440CWP Datasheet
62Kb / 2P
   Protected Power MOSFET
November, 2011 ??Rev. 2
NIC9N05TS1 ONSEMI-NIC9N05TS1 Datasheet
121Kb / 4P
   Protected Power MOSFET
September, 2008 ??Rev. 0
NIF9N05CL ONSEMI-NIF9N05CL_06 Datasheet
72Kb / 6P
   Protected Power MOSFET
May, 2006 ??Rev. 5
NIF9N05CL ONSEMI-NIF9N05CL Datasheet
66Kb / 6P
   PROTECTED POWER MOSFET
July, 2004 ??Rev. 3
NIC9N05TS1 ONSEMI-NIC9N05TS1_V01 Datasheet
88Kb / 3P
   Protected Power MOSFET
November, 2011 - Rev. 1
logo
International Rectifier
IPS031R IRF-IPS031R Datasheet
157Kb / 11P
   FULLY PROTECTED POWER MOSFET SWITCH
IPS031 IRF-IPS031 Datasheet
135Kb / 11P
   FULLY PROTECTED POWER MOSFET SWITCH
IRSF3011LTR IRF-IRSF3011LTR Datasheet
293Kb / 13P
   FULLY PROTECTED POWER MOSFET SWITCH
IPS0551T IRF-IPS0551T Datasheet
106Kb / 10P
   FULLY PROTECTED POWER MOSFET SWITCH
IPS021 IRF-IPS021 Datasheet
142Kb / 11P
   FULLY PROTECTED POWER MOSFET SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com