Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMQ60R115PC Datasheet(PDF) 5 Page - MagnaChip Semiconductor.

Part # MMQ60R115PC
Description  600V 0.115(ohm) N-channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MMQ60R115PC Datasheet(HTML) 5 Page - MagnaChip Semiconductor.

  MMQ60R115PC Datasheet HTML 1Page - MagnaChip Semiconductor. MMQ60R115PC Datasheet HTML 2Page - MagnaChip Semiconductor. MMQ60R115PC Datasheet HTML 3Page - MagnaChip Semiconductor. MMQ60R115PC Datasheet HTML 4Page - MagnaChip Semiconductor. MMQ60R115PC Datasheet HTML 5Page - MagnaChip Semiconductor. MMQ60R115PC Datasheet HTML 6Page - MagnaChip Semiconductor. MMQ60R115PC Datasheet HTML 7Page - MagnaChip Semiconductor. MMQ60R115PC Datasheet HTML 8Page - MagnaChip Semiconductor. MMQ60R115PC Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MMQ60R115PC Datasheet
Apr. 2015 Revision 1.0
MagnaChip Semiconductor Ltd.
5
Characteristic Graph


Similar Part No. - MMQ60R115PC

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MMQ60R115PCTH ISC-MMQ60R115PCTH Datasheet
372Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MMQ60R115PC

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MMQ60R115P MGCHIP-MMQ60R115P Datasheet
1Mb / 10P
   600V 0.115(ohm) N-channel MOSFET
MMF60R115P MGCHIP-MMF60R115P Datasheet
1Mb / 10P
   600V 0.115(ohm) N-channel MOSFET
MMFT60R115PC MGCHIP-MMFT60R115PC Datasheet
1Mb / 10P
   600V 0.115(ohm) N-channel MOSFET
logo
Fairchild Semiconductor
FDH34N40 FAIRCHILD-FDH34N40 Datasheet
178Kb / 6P
   34A, 400V, 0.115 Ohm, N-Channel SMPS Power MOSFET
logo
Intersil Corporation
JANSR2N7294 INTERSIL-JANSR2N7294 Datasheet
48Kb / 7P
   23A, 200V, 0.115 Ohm, Rad Hard, N-Channel Power MOSFET
logo
MagnaChip Semiconductor...
MMFT60R290P MGCHIP-MMFT60R290P Datasheet
1Mb / 10P
   600V 0.29(ohm) N-channel MOSFET
MMFT60R290PC MGCHIP-MMFT60R290PC Datasheet
1Mb / 10P
   600V 0.29(ohm) N-channel MOSFET
MMQ60R070P MGCHIP-MMQ60R070P Datasheet
1Mb / 10P
   600V 0.07(ohm) N-channel MOSFET
MMD60R360Q MGCHIP-MMD60R360Q Datasheet
1Mb / 10P
   600V 0.36(ohm) N-channel MOSFET
MMD60R900P MGCHIP-MMD60R900P Datasheet
1Mb / 10P
   600V 0.9(ohm) N-channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com