Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM58J Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM58J
Description  Precision, 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM58J Datasheet(HTML) 5 Page - Burr-Brown (TI)

  PCM58J Datasheet HTML 1Page - Burr-Brown (TI) PCM58J Datasheet HTML 2Page - Burr-Brown (TI) PCM58J Datasheet HTML 3Page - Burr-Brown (TI) PCM58J Datasheet HTML 4Page - Burr-Brown (TI) PCM58J Datasheet HTML 5Page - Burr-Brown (TI) PCM58J Datasheet HTML 6Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
®
PCM58P
5
“STOPPED-CLOCK” OPERATION
The PCM58P is normally operated with a continuous clock
input signal. If the clock is to be stopped in between input
data words, the last 18-bits shifted in are not actually shifted
from the serial register to the latched parallel DAC register
until LE (latch enable) goes low. If the clock input (P16,
CLK) is stopped between data words, LE (P17) must remain
low until after the first clock cycle of the next data word
to insure proper DAC operation. In either case, the setup and
hold times for DATA and LE must still be observed as shown
in Figure 3.
INSTALLATION
Refer to Figure 4 for proper connection of the PCM58P in
the voltage-out mode using the internal feedback resistor.
The feedback resistor connections (P7 and P10) should be
connected to ACOM (P8) if not used. The PCM58P requires
only a +5V and –12V supply. It is very important that these
supplies be as “clean” as possible to reduce coupling of supply
noise to the output. Power supply decoupling capacitors
shown in Figure 4 should be used, regardless of how good
the supplies are to maximize power supply rejection. All
grounds should be connected to the analog ground plane as
close to the PCM58P as possible.
FILTER CAPACITOR REQUIREMENTS
As shown in Figure 4, other various decoupling capacitors
are required around the supply and reference points with no
special tolerances being required. Placement of all capacitors
should be as close to the appropriate pins of the PCM58P
as possible to reduce noise pickup from surrounding circuitry.
FIGURE 4. PCM58P Connection Diagram.
FIGURE 3. PCM58P Setup and Hold Timing Diagram.
Data
Input
>40ns
LSB
MSB
>15ns >15ns
Clock
Input
>40ns
>40ns
>5ns
>100ns
>15ns
Latch
Enable
>One Clock Cycle
>One Clock Cycle
Optional External Op-Amp
Burr-Brown
OPA602BP
NOTE: Connect P7 and P10 to P8
(ACOM) if internal feedback resis-
tor is not used
Optional
Bit
Adjust
Circuit
3.3µF
3.3µF
0.1µF
0.1µF
0.1µF
+5V
CAP
+V
CC
CAP
CAP
BPO
I
OUT
R
F1
ACOM
–V
CC
R
F2
DCOM
NC
+V
CC
NC
V
POT
Bit Adj (MSB)
Bit Adj (B2)
Bit Adj (B3)
Bit Adj (B4)
NC
NC
NC
–V
CC
DATA
NC
LE
CLK
CAP
0.1µF
3.3µF
–12V
330k
330k
330k
330k
100k
1k
1k
R
F
3k
+
+
+
+
+
+
+
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14


Similar Part No. - PCM58J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCM5862E ETC-PCM5862E Datasheet
597Kb / 108P
   All in one multi-media Pentium processor-based single board computer
PCM5862EL ETC-PCM5862EL Datasheet
597Kb / 108P
   All in one multi-media Pentium processor-based single board computer
More results

Similar Description - PCM58J

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1700U BURR-BROWN-PCM1700U Datasheet
63Kb / 5P
   Dual 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM61P BURR-BROWN-PCM61P Datasheet
115Kb / 4P
   Serial Input 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM1750P BURR-BROWN-PCM1750P Datasheet
240Kb / 18P
   Dual CMOS 18-Bit Monolithic Audio ANALOG-TO-DIGITAL CONVERTER
PCM64P BURR-BROWN-PCM64P Datasheet
470Kb / 4P
   18 BIT AUDIO DIGITAL TO ANALOG CONVERTER
PCM66P BURR-BROWN-PCM66P Datasheet
92Kb / 7P
   16-Bit CMOS Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM63P BURR-BROWN-PCM63P Datasheet
254Kb / 10P
   Colinear??20-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1750U TI-PCM1750U Datasheet
229Kb / 21P
[Old version datasheet]   Dual CMOS 18-Bit Monolithic Audio NALOG-TO-DIGITAL CONVERTER
logo
API Technologies Corp
MN3390 APITECH-MN3390 Datasheet
690Kb / 5P
   18-Bit, Deglitched Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM78P BURR-BROWN-PCM78P Datasheet
241Kb / 16P
   16-Bit Audio ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1625 TI-ADS1625 Datasheet
846Kb / 37P
[Old version datasheet]   18-Bit, 1.25MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com